Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTC701 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # DTC701
Description  Bias Resistor Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC701 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button DTC701 Datasheet HTML 2Page - First Silicon Co., Ltd DTC701 Datasheet HTML 3Page - First Silicon Co., Ltd DTC701 Datasheet HTML 4Page - First Silicon Co., Ltd DTC701 Datasheet HTML 5Page - First Silicon Co., Ltd DTC701 Datasheet HTML 6Page - First Silicon Co., Ltd DTC701 Datasheet HTML 7Page - First Silicon Co., Ltd DTC701 Datasheet HTML 8Page - First Silicon Co., Ltd DTC701 Datasheet HTML 9Page - First Silicon Co., Ltd DTC701 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − DTC707
10
1
0.1
0
10
20
30
40
50
100
10
1
0
2
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 10 15 20 25 30 35 40 45 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus I C
IC, COLLECTOR CURRENT (mA)
0
20
40
60
80
Figure 18. DC Current Gain
0 0 1
0
1
IC, COLLECTOR CURRENT (mA)
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25 C
25 C
TA
C
VCE= 10
300
250
200
150
100
50
0
2 4 6 8
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA= 25 C
25 C
IC/IB = 10
TA
C
TA
C
25 C
−25 C
VO = 0.2 V
TA
C
75 C
VO = 5 V
25 C
75 C
2018. 11. 22
8/10
DTC701~711 / DTC714 / DTC717 / DTC722
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com