Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-70CSFML Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS29F010-70CSFML
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-70CSFML Datasheet(HTML) 5 Page - Texas Instruments

  TMS29F010-70CSFML Datasheet HTML 1Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 2Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 3Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 4Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 5Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 6Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 7Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 8Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operation
Table 1 summarizes the operation modes.
Table 1. Operation Modes
MODE
FUNCTIONS†
MODE
E
G
W
A0
A1
A6
A9
DQ0 – DQ7
Read
VIL
VIL
VIH
A0
A1
A6
A9
Data out
Output disable
VIL
VIH
VIH
X
X
X
X
Hi-Z
Standby and write inhibit
VIH
X
X
X
X
X
X
Hi-Z
Algorithm-selection mode
VIL
VIL
VIH
VIL
VIL
X
VID
Manufacturer-equivalent code
01h
g
IL
IL
IH
VIH
IL
X
ID
Device-equivalent code 20h
Write‡
VIL
VIH
VIL
A0
A1
A6
A9
Data in
Sector-protect§
VIL
VID
VIL
X
X
X
VID
X
Sector-protect verify§
VIL
VIL
VIH
VIL
VIH
VIL
VID
Data out
Sector-unprotect§
(see Note 1)
VID
VID
VIL
X
X
VIL
VID
X
Sector-unprotect verify§
VIL
VIL
VIH
VIL
VIH
VIH
VID
Data out
Erase operations
VIL
VIH
See
Note 2
See
Note 2
See
Note 2
See
Note 2
See
Note 2
See Note 2
† X can be VIL or VIH.
‡ See Table 3 for valid address and data during write (byte program).
§ Operation at VCC = 5.0 V and TA = 25°C.
NOTES:
1. Address pins A7, A12 = VIH.
2. See Figure 6 through Figure 9.
read mode
To read the output of the TMS29F010, a low-level logic signal is applied to the E and G pins. When two or more
TMS29F010 devices are connected in parallel, the output of any one device can be read without interference.
The E pin is power control and is used for device selection. The G pin is output control and is used to gate the
data output onto the bus from the selected device.
The address-access time (tAVQV) is the delay from stable address to valid output data. The chip-enable access
time (tELQV) is the delay from E = VIL and stable addresses to valid output data. The output-enable access time
(tGLQV) is the delay from G = VIL to valid output data when E = VIL and addresses are stable for at least the
duration of tAVQV–tGLQV.
standby mode
The ICC supply current is reduced by applying a logic-high level on E to enter the standby mode. In the standby
mode, the outputs are placed in the high-impedance state. Applying a CMOS logic-high level on E reduces the
current to 100
µA maximum. Applying a TTL logic-high level on E reduces the current to 1 mA maximum.
If the TMS29F010 is deselected during erasure or programming, the device continues to draw active current
until the operation is complete.
output disable
When either G = VIH or E = VIH, output from the device is disabled and the output pins (DQ0–DQ7) are placed
in the high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com