Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-70CSFML Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS29F010-70CSFML
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-70CSFML Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS29F010-70CSFML Datasheet HTML 3Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 4Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 5Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 6Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 7Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 8Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 9Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 10Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
command definitions (continued)
Table 3. Command Definitions†
COMMAND
BUS
CYCLES
1ST CYCLE
ADDR DATA
2ND CYCLE
ADDR DATA
3RD CYCLE
ADDR DATA
4TH CYCLE
ADDR DATA
5TH CYCLE
ADDR DATA
6TH CYCLE
ADDR DATA
Read‡
1
RA
RD
Reset/Read§
2
XXXXh F0h
RA
RD
Reset/Read§
4
5555h AAh
2AAAh 55h
5555h F0h
RA
RD
Algorithm selection
4
5555h AAh
2AAAh 55h
5555h 90h
RA
RD
Byte program
4
5555h AAh
2AAAh 55h
5555h A0h
PA
PD
Chip erase
6
5555h AAh
2AAAh 55h
5555h 80h
5555h AAh
2AAAh 55h
5555h 10h
Sector erase
6
5555h AAh
2AAAh 55h
5555h 80h
5555h AAh
2AAAh 55h
SA 30h
RA = Address of the location to be read
PA
= Address of the location to be programmed
SA = Address of the sector to be erased
Addresses A14, A15, and A16 select one of eight sectors
RD = Data to be read at the selected address location
PD = Data to be programmed at the selected address location
† Address pins A15 and A16 = VIL or VIH for all bus-cycle addresses except for program address (PA), sector address (SA), and read address
(RA).
‡ No command cycles are required when the device is in read mode.
§ The reset command is required to return to the read mode when the device is in the algorithm-selection mode or if DQ5 goes high.
reset/read command
The read mode is activated by writing either of the two reset command sequences into the command register.
The device remains in this mode until another valid command sequence is input into the command register.
Memory data is available in the read mode and can be read with standard microprocessor read-cycle timing.
On power up, the device defaults to the read mode; therefore, a reset command sequence is not required and
memory data is available.
algorithm-selection command
The algorithm-selection command allows access to a binary code that matches the device with the proper
programming- and erase-command operations. After writing the three-bus-cycle command sequence, the first
byte of the algorithm-selection code (01h) can be read from address XX00h. The second byte of the code (20h)
can be read from address XX01h (see Table 2). This mode remains in effect until another valid command
sequence is written to the device.
Sector protection can be determined by using the algorithm-selection command. After issuing the three
bus-cycle command sequence, the sector-protection status can be read on DQ0. Set address pins A0 = VIL and
A1 = VIH, and then the sector address pins A14, A15, and A16 select the sector to be checked. The remaining
address pins can be VIL or VIH. If the sector that is selected is protected, DQ0 outputs a 1 state, and, if the sector
selected is not protected, DQ0 outputs a 0 state. This mode remains in effect until another valid command
sequence is written to the device.
byte-program command
Byte programming is a four-bus-cycle command sequence. The first three bus cycles put the device into the
program-setup state, and the fourth bus cycle loads the address location and the data to be programmed into
the device. The addresses are latched on the falling edge of W and the data is latched on the rising edge of W
in the fourth bus cycle. The rising edge of W starts the byte-program operation. The embedded
byte-programming function automatically provides needed voltage and timing to program and to verify the cell
margin. Any further commands written to the device during the program operation are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com