Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-70CSFML Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS29F010-70CSFML
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-70CSFML Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS29F010-70CSFML Datasheet HTML 12Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 13Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 14Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 15Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 16Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 17Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 18Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 19Page - Texas Instruments TMS29F010-70CSFML Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements controlled by W (see Figure 4, Figure 7, Figure 9, Figure 11, Figure 13,
Figure 15, and Figure 17) (continued)
ALTERNATE
’29F010-10
’29F010-12
UNIT
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tAVAV
Cycle time, write
tc(W)
100
120
ns
tWHWH1 Cycle time, programming operation
tc(W)PR
18
18
µs
tWHWH2 Cycle time, sector-erase operation
1
15
1
15
s
tWHWH3 Cycle time, chip-erase operation
2
60
2
60
s
tWLAX
Hold time, address
th(A)
45
50
ns
tWHDX
Hold time, data valid after W high
th(D)
0
0
ns
tWHEH
Hold time, E
th(E)
0
0
ns
tWHWL
Pulse duration, W high
tw(WH)
20
20
ns
tWLWH1
Pulse duration, W low
tw(WL)
45
50
ns
tWLWH2
Pulse duration, W low (see Note 9)
100
100
µs
tWLWH3
Pulse duration, W low (see Note 10)
10
10
ms
tGHWL
Recovery time, read-before-write
trec(R)
0
0
ns
tAVWL
Setup time, address
tsu(A)
0
0
ns
tDVWH
Setup time, data
tsu(D)
45
50
ns
tAVGH
Setup time, A0 and A6 low and A1 high to G high
(see Note 9)
0
0
ns
tAVGEH
Setup time, A0 low and A1 and A6 high to G and E
high (see Note 10)
0
0
ns
tELWL
Setup time, E
tsu(E)
0
0
ns
tGHWH
Setup time, G
0
0
ns
tVCEL
Setup time, VCC
50
50
µs
tEHVWL
Setup time, E VID to W (see Note 10)
4
4
µs
tGHVWL
Setup time, G VID to W (see Notes 9 and 10)
4
4
µs
tWHAH
Setup time, W high to A6 going high (see Note 10)
0
0
ns
tHVT
Transition time, VID (see Notes 9 and 10)
4
4
µs
NOTES:
9. Sector-protect timing (see Figure 15)
10. Sector-unprotect timing (see Figure 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com