Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-B5GA Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-B5GA
Description  Real Time Clock Module with I2C Bus
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-B5GA Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AB-RTCMC-32.768kHz-B5GA-S3
Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
I2C Interface Dynamic Characteristics
All timing values are valid within the operating supply voltage range and references to VIL and VIH with an input voltage swing
from VSS and VDD.
Parameters
Min.
Typ.
Max.
Units
SCL clock frequency (fSCL
z
H
k
0
0
4
)
Hold time (repeated) START condition (tHD;STA)
0.6
µs
Startup time for repeated START condition (tSU;STA)
0.6
µs
LOW period of SCL clock (tLOW
s
µ
3
.
1
)
HIGH period of SCL clock (tHIGH
s
µ
6
.
0
)
Bus free time between STOP and START condition (tBUF)
1.3
µs
Rise time of both SDA and SCL signals (tr)
0.3
µs
Fall time of both SDA and SCL signals (tf)
0.3
µs
Capacitive load for each bus line (Cb
F
p
0
0
4
)
Data setup time (tSU;DAT
s
n
0
0
1
)
Data hold time (tHD;DAT
s
n
0
)
Setup time for STOP condition (tSU;STO
s
µ
6
.
0
)
Spike pulse width (tw(spike)
s
n
0
5
)
I2C Interface Timing Characteristics
Note:
The I2C BUS access time between a START and a START condition or between a START and a STOP condition to this device
must be less than one second.
Pb RoHS/RoHS II compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com