Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-B5GA Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-B5GA
Description  Real Time Clock Module with I2C Bus
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-B5GA Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AB-RTCMC-32.768kHz-B5GA-S3
Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Pb
BLOCK DIAGRAM:
Maximum Reflow Conditions in accordance with IPC/JEDEC J-STD-020C “Pb-free”
Temperature
Conditions
Units
Average Ramp-up Rate (TSmax to TP)
3°C/second max
°C/s
Ramp Down Rate (Tcool)
6°C/second max
°C/s
Time 25°C to Peak Temperature (T to-peak)
8 minutes max
m
Preheat
Temperature Min (TSmin)
150
°C
Temperature Max (TSmax)
200
°C
Time Tsmin to Tsmax (ts)
c
e
s
0
8
1
~
0
6
Time Above Liquidus
Temperature Liquidus (TL)
217
°C
Time above Liquidus (tL)
60 ~150
sec
Peak Temperature
Peak Temperature (TP)
260
°C
Time within 5°C of Peak Temperature (tP)
20 ~ 40
sec
RECOMMENDED REFLOW PROFILE:
RoHS/RoHS II compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com