Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.768KHZ-B5GA Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-B5GA
Description  Real Time Clock Module with I2C Bus
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-B5GA Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AB-RTCMC-32.768kHz-B5GA-S3
Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
• With state-of-the-art RTC Technology by Micro Crystal AG
• RTC module with built-in crystal oscillating at 32.768 kHz
• 400kHz two-wire I2C interface
• Wide Interface operating voltage: 1.8 – 5.5 V
• Wide clock operating voltage: 1.2 – 5.5 V
• Low power consumption: 250 nA typ @ 3.0V / 25°C
• Provides year, month, day, weekday, hours, minutes, seconds
• Alarm and Timer functions
• Century flag
• Low voltage detector, internal power on reset
• Programmable clock output for peripheral devices (32.768 kHz, 1024 Hz, 32 Hz, 1 Hz)
• I2C slave address: read A3h, write A2h
• Small and compact package size: 3.7 x 2.5 x 0.9 mm. RoHS-compliant and 100% leadfree
Absolute Maximum Ratings
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Voltage (VDD)
-0.5
+6.5
V
>GND / <VDD
Supply Current (IDD; ISS)
-50
+50
mA
VDD Pin
Input Voltage (VI)
VSS-0.5
VDD +0.5
V
Input Pin
Output Voltage (VO)
VSS-0.5
VDD +0.5
V
INT
Pin
DC Input Current (II)
-10
+10
mA
DC Output Current (IO)
-10
+10
mA
Operating Temperature Range (TOPR)
-40
+85
ºC
Storage Temperature (TSTO)
-55
+125
ºC
Stored as bare product
Frequency Characteristics
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Accuracy (∆F/F)
±10
±20
ppm
TAMB=+25°C; VDD=3.0V
Frequency vs Voltage (∆F/V)
±0.8
±1.5
ppm/V
TAMB=+25°C;
VDD=1.8~5.5V
Frequency vs Temperature (∆F/TOPR)
-0.035ppm/°C2 (TOPR-TO)2 ±10%
ppm
TREF=+25°C; VDD=3.0V
Turnover Temperature (TO)
+20
+25
+30
°C
m
p
p
3
+
3
-
)
r
a
e
y
t
s
ri
f
(
g
n
i
g
A
TAMB=+25°C
Start-up Time (TSTART)
350
500
ms
TAMB=+25°C
CLKOUT duty cycle
40
50
60
%
TAMB=+25°C
Pb RoHS/RoHS II compliant
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Credit Cards with Security Technology
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018


Similar Part No. - AB-RTCMC-32.768KHZ-B5GA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-B5ZE ABRACON-AB-RTCMC-32.768KHZ-B5ZE Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
11.28.2018
More results

Similar Description - AB-RTCMC-32.768KHZ-B5GA

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com