Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C005YJ4R7ABSTR500 Datasheet(PDF) 4 Page - AVX Corporation

Part # C005YJ4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YJ4R7ABSTR500 Datasheet(HTML) 4 Page - AVX Corporation

  C005YJ4R7ABSTR500 Datasheet HTML 1Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 2Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 3Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Accu-P
®
Signal and Power Type Capacitors
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C (-55°C to +125°C)(2) “K” = 0±60ppm/°C (-55°C to +125°C)(2)
(1) For capacitance values higher than listed in table, please consult factory.
(2) TC shown is per EIA/IEC Specifications.
These values are produced with “K” temperature coefficient code only.
Accu-P
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
Size
Size Code
C005
0201
0402
0603
0805
1210
Voltage
16
100
50
25
16
10
200
100
50
25
16
10
200
100
50
25
100
50
25
100
50
Cap in
Cap
pF
(1)
code
0.1
—
0R1
0.2
—
0R2
0.3
—
0R3
0.4
—
0R4
0.5
—
0R5
0.6
—
0R6
0.7
—
0R7
0.8
—
0R8
0.9
—
0R9
1.0
—
1R0
1.1
—
1R1
1.2
—
1R2
1.3
—
1R3
1.4
—
1R4
1.5
—
1R5
1.6
—
1R6
1.7
—
1R7
1.8
—
1R8
1.9
—
1R9
2.0
—
2R0
2.1
—
2R1
2.2
—
2R2
2.3
—
2R3
2.4
—
2R4
2.5
—
2R5
2.6
—
2R6
2.7
—
2R7
2.8
—
2R8
2.9
—
2R9
3.0
—
3R0
3.1
—
3R1
3.2
—
3R2
3.3
—
3R3
3.4
—
3R4
3.5
—
3R5
3.6
—
3R6
3.7
—
3R7
3.8
—
3R8
3.9
—
3R9
4.0
—
4R0
4.1
—
4R1
4.2
—
4R2
4.3
—
4R3
4.4
—
4R4
4.5
—
4R5
4.6
—
4R6
4.7
—
4R7
5.1
—
5R1
5.6
—
5R6
6.2
—
6R2
6.8
—
6R8
7.5
—
7R5
8.2
—
8R2
9.1
—
9R1
10.0
—
100
11.0
—
110
12.0
—
120
13.0
—
130
14.0
—
140
15.0
—
150
16.0
—
160
17.0
—
170
18.0
—
180
19.0
—
190
20.0
—
200
21.0
—
210
22.0
—
220
24.0
—
240
27.0
—
270
30.0
—
300
33.0
—
330
39.0
—
390
47.0
—
470
56.0
—
560
68.0
—
680
9
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com