Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C005YJ4R7ABSTR500 Datasheet(PDF) 8 Page - AVX Corporation

Part # C005YJ4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YJ4R7ABSTR500 Datasheet(HTML) 8 Page - AVX Corporation

Back Button C005YJ4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Accu-P
®
0402 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
4
±0.05
3.9
513
282
4.10
545
47
4.42
235
47
4.73
162
48
4.1
±0.05
3.8
507
279
4.20
539
47
4.55
232
46
4.87
160
48
4.2
±0.05
3.8
501
275
4.30
534
46
4.67
228
46
5.01
157
48
4.3
±0.05
3.7
495
272
4.41
528
46
4.79
225
46
5.16
154
48
4.4
±0.05
3.7
489
269
4.51
522
46
4.92
222
46
5.30
151
47
4.5
±0.05
3.6
483
265
4.61
516
46
5.04
219
45
5.44
149
47
4.6
±0.05
3.6
477
262
4.72
511
45
5.16
216
45
5.59
146
47
4.7
±0.05
3.5
471
259
4.82
505
45
5.29
213
45
5.73
143
47
5.1
±0.05
3.4
446
245
5.23
482
44
5.78
200
43
6.30
133
47
5.6
±0.05
3.3
416
229
5.75
453
43
6.40
184
42
7.02
119
46
6.2
±0.1
3.0
388
213
6.41
427
44
7.26
167
44
8.11
107
47
6.8
±0.1
2.8
360
198
7.07
400
44
8.12
150
45
9.19
95
48
7.5
±0.1
2.7
338
186
7.85
378
45
9.17
139
47
10.57
86
49
8.2
±0.1
2.6
315
173
8.62
356
45
10.22
128
48
11.95
77
50
9.1
±0.1
2.5
292
160
9.63
333
45
11.75
115
47
14.23
69
50
10
±1%
2.4
268
148
10.65
310
45
13.28
103
47
16.50
61
49
11
±1%
2.3
242
133
11.77
285
44
14.98
89
46
19.04
51
49
12
±1%
2.2
217
119
12.90
259
44
16.68
75
45
21.57
42
48
13
±1%
2.2
202
111
14.03
241
44
18.83
68
47
25.73
38
49
14
±1%
2.1
187
103
15.17
223
44
20.97
62
49
29.89
33
49
15
±1%
2.1
172
94
16.30
204
45
23.12
56
51
34.05
29
50
16
±1%
2.0
157
87
17.53
187
44
25.91
50
49
41.44
25
49
17
±1%
1.9
143
79
18.75
169
43
28.70
45
46
48.82
21
47
18
±1%
1.8
129
71
19.98
152
42
31.49
39
44
56.21
17
46
19
±1%
1.8
121
67
21.11
143
42
33.51
36
44
60.92
15
47
20
±1%
1.8
110
61
22.25
131
41
35.53
33
43
65.63
14
48
22
±1%
1.8
98
54
24.51
116
41
39.57
26
42
75.05
10
51
24
±1%
1.8
87
48
27.51
104
37
54.94
21
35
NA
NA
NA
27
±1%
1.7
70
39
32.01
85
32
77.98
13
23
NA
NA
NA
30
±1%
1.7
65
36
35.89
78
28
106.50
10
12
NA
NA
NA
33
±1%
1.7
60
33
40.05
74
27
NA
NA
NA
NA
NA
NA
36
±1%
1.7
58
32
45.13
71
28
NA
NA
NA
NA
NA
NA
39
±1%
1.7
56
31
50.21
69
28
NA
NA
NA
NA
NA
NA
43
±1%
1.6
53
29
56.98
66
29
NA
NA
NA
NA
NA
NA
47
±1%
1.6
50
28
63.75
63
30
NA
NA
NA
NA
NA
NA
51
±1%
1.6
48
26
70.53
60
31
NA
NA
NA
NA
NA
NA
56
±1%
1.6
44
24
78.99
56
33
NA
NA
NA
NA
NA
NA
58
±1%
1.6
42
23
83.54
54
34
NA
NA
NA
NA
NA
NA
68
±1%
1.6
32
18
106.28
42
40
NA
NA
NA
NA
NA
NA
13
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com