Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C005YJ4R7ABSTR500 Datasheet(PDF) 10 Page - AVX Corporation

Part # C005YJ4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YJ4R7ABSTR500 Datasheet(HTML) 10 Page - AVX Corporation

Back Button C005YJ4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation C005YJ4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Accu-P
®
0603 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
4
±0.05
2.9
307
169
4.301
355
117
5.188
110
149
6.188
68
160
4.1
±0.05
2.8
303
167
4.410
351
116
5.358
108
148
6.450
67
159
4.2
±0.05
2.8
299
164
4.518
347
116
5.528
106
148
6.713
65
158
4.3
±0.05
2.7
295
162
4.627
342
115
5.698
104
147
6.975
64
157
4.4
±0.05
2.7
291
160
4.735
338
114
5.867
102
146
7.238
62
157
4.5
±0.05
2.7
287
158
4.843
333
113
6.037
100
146
7.500
61
156
4.6
±0.05
2.6
283
156
4.952
329
112
6.207
98
145
7.763
59
155
4.7
±0.05
2.6
279
154
5.060
324
112
6.377
96
144
8.025
58
154
5.1
±0.05
2.5
263
145
5.494
307
109
7.057
88
142
9.075
52
151
5.6
±0.05
2.4
244
134
6.035
285
105
7.906
78
138
10.39
44
147
6.2
±0.1
2.3
228
126
6.865
267
102
9.517
72
133
13.66
40
141
6.8
±0.1
2.2
213
117
7.694
250
100
11.13
66
128
16.93
35
135
7.5
±0.1
2.1
195
107
8.367
227
98
12.63
57
125
20.91
28
132
8.2
±0.1
2.0
176
97
9.041
205
96
14.14
49
123
24.88
21
129
9.1
±0.1
1.9
161
89
10.20
188
96
18.09
42
122
40.00
16
128
10
±1%
1.8
146
80
11.37
171
95
22.05
36
121
70.00
12
127
11
±1%
1.7
129
71
12.66
153
95
26.44
29
120
140.0
6
126
12
±1%
1.6
112
62
13.95
134
94
30.83
22
119
231.3
1
125
13
±1%
1.6
102
56
15.31
122
93
40.37
18
118
n/a
n/a
n/a
14
±1%
1.5
92
51
16.67
111
92
49.91
15
118
n/a
n/a
n/a
15
±1%
1.5
82
45
18.03
99
90
59.44
11
117
n/a
n/a
n/a
16
±1%
1.4
79
43
19.61
96
90
80.00
8
117
n/a
n/a
n/a
17
±1%
1.4
76
42
21.18
92
90
120.0
6
116
n/a
n/a
n/a
18
±1%
1.3
73
40
22.76
89
90
190.0
4
116
n/a
n/a
n/a
19
±1%
1.3
69
38
24.37
84
89
n/a
n/a
n/a
n/a
n/a
n/a
20
±1%
1.2
65
36
25.98
80
89
n/a
n/a
n/a
n/a
n/a
n/a
22
±1%
1.2
57
31
29.21
72
87
n/a
n/a
n/a
n/a
n/a
n/a
24
±1%
1.2
48
26
34.44
62
87
n/a
n/a
n/a
n/a
n/a
n/a
27
±1%
1.1
43
24
41.87
56
86
n/a
n/a
n/a
n/a
n/a
n/a
30
±1%
1.0
37
21
49.29
49
85
n/a
n/a
n/a
n/a
n/a
n/a
33
±1%
1.0
32
18
56.72
43
84
n/a
n/a
n/a
n/a
n/a
n/a
36
±1%
1.0
27
15
64.15
37
83
n/a
n/a
n/a
n/a
n/a
n/a
39
±1%
1.0
21
12
71.57
30
82
n/a
n/a
n/a
n/a
n/a
n/a
15
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com