| Electronic Components Datasheet Search |
|
DB2000QL Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DB2000QL Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 33 page ![]() PCIe Gen 4-5 Clock Generator CDCDB2000 20x LP-HSCL Output Buffer SMBus Control OE# Control LP-HCSL PCIe PHY PCIe PHY PCIe PHY PCIe PHY LP-HCSL 20 PCIe PHY PCIe PHY PCIe Device Side-Band Interface Control Interface 24 CDCDB2000 SNAS787 – NOVEMBER 2019 www.ti.com Product Folder Links: CDCDB2000 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated 8 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 8.1 Application Information The CDCDB2000 is a fanout buffer that supports PCIe generation 4 and PCIe generation 5 REFCLK distribution. It is used to create, and distribute, up to 20 copies of a typically 100-MHz clock. 8.2 Typical Application Figure 10 shows a CDCDB2000 typical application. In this application, a clock generator provides a 100-MHz reference to the CDCDB2000 which then distributes that clock to PCIe endpoints. The clock generator may be a discrete clock generator like the LMK03328 or it may be integrated in a larger component such as a PCH or application processor. Figure 10. Typical Application 8.2.1 Design Requirements Consider a typical server motherboard application which needs to distribute a 100-MHz PCIe reference clock from the PCH of a processor chipset to multiple endpoints. An example of clock input and output requirements is: • Clock Input: – 100-MHz LP-HCSL • Clock Output: – 2x 100-MHz to processors, LP-HCSL – 2x 100-MHz to riser/retimer, LP-HCSL – 2x 100-MHz to DDR memory controller, LP-HCSL The section below describes the design procedure to configure the CDCDB2000 to output the frequencies for the above scenario. 8.2.2 Detailed Design Procedure The following items must be determined before starting design of a CDCDB2000 socket: • Output Enable Control Method • SMBus address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |