Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4T3144PW Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC4T3144PW
Description  4-bit dual supply buffer/line driver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4T3144PW Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC4T3144PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Nexperia
74LVC4T3144
4-bit dual supply buffer/line driver; 3-state
74LVC4T3144
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2017
7 / 27
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
VI = VIH
IO = -100 μA;
VCCO = 1.2 V to 4.5 V
[2] VCCO - 0.1
-
VCCO - 0.1
-
V
IO = -6 mA; VCCO = 1.4 V
1.0
-
1.0
-
V
IO = -8 mA; VCCO = 1.65 V
1.2
-
1.2
-
V
IO = -12 mA; VCCO = 2.3 V
1.9
-
1.9
-
V
IO = -24 mA; VCCO = 3.0 V
2.4
-
2.4
-
V
IO = -24 mA; VCCO = 4.5 V
3.85
-
3.85
-
V
VOH
HIGH-level
output voltage
IO = -32 mA; VCCO = 4.5 V
3.8
-
3.8
-
V
VI = VIL
[2]
IO = 100 μA;
VCCO = 1.2 V to 4.5 V
-
0.1
-
0.1
V
IO = 6 mA; VCCO = 1.4 V
-
0.3
-
0.3
V
IO = 8 mA; VCCO = 1.65 V
-
0.45
-
0.45
V
IO = 12 mA; VCCO = 2.3 V
-
0.3
-
0.3
V
IO = 24 mA; VCCO = 3.0 V
-
0.55
-
0.55
V
IO = 24 mA; VCCO = 4.5 V
-
0.50
-
0.50
V
VOL
LOW-level
output voltage
IO = 32 mA; VCCO = 4.5 V
-
0.55
-
0.55
V
II
input leakage
current
VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
-
±2
-
±10
μA
VO = 0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[2]
-
±2
-
±10
μA
suspend mode; VO = 0 V or VCCO;
VCC(A) = 5.5 V; VCC(B) = 0 V
[2]
-
±2
-
±10
μA
IOZ
OFF-state
output current
suspend mode; VO = 0 V or VCCO;
VCC(A) = 0 V; VCC(B) = 5.5 V
[2]
-
±2
-
±10
μA
A port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V; VCC(B) = 1.2 V to 5.5 V
-
±2
-
±10
μA
IOFF
power-off
leakage
current
B port; VI or VO = 0 V to 5.5 V;
VCC(B) = 0 V; VCC(A) = 1.2 V to 5.5 V
-
±2
-
±10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com