Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4T3144PW Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74LVC4T3144PW
Description  4-bit dual supply buffer/line driver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4T3144PW Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74LVC4T3144PW Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Nexperia
74LVC4T3144
4-bit dual supply buffer/line driver; 3-state
74LVC4T3144
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2017
21 / 27
11 Application information
11.1 Unidirectional logic level-shifting application
The circuit given in Figure 12 is an example of the 74LVC4T3144 being used in an
unidirectional logic level-shifting application.
aaa-027067
system-1
VCC(A)
VCC(B)
1.8 V
system-2
74LVC4T3144
YB1
A1
YB2
A2
YB3
A3
B4
YA4
OE
5.0 V
Figure 12.  Unidirectional logic level-shifting application
Table 15. Description unidirectional logic level-shifting application
Name
Description
VCC(A)
supply voltage of system-1 (1.2 V to 5.5 V)
VCC(B)
supply voltage of system-2 (1.2 V to 5.5 V)
A1, A2, A3
input level depends on VCC(A) voltage
YA4
output level depends on VCC(A) voltage
YB1, YB2, YB3
output level depends on VCC(B) voltage
B4
input level depends on VCC(B) voltage
OE
input level depends on VCC(A) voltage
GND
device GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com