Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4T3144PW Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC4T3144PW
Description  4-bit dual supply buffer/line driver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4T3144PW Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC4T3144PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4T3144PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Nexperia
74LVC4T3144
4-bit dual supply buffer/line driver; 3-state
74LVC4T3144
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2017
2 / 27
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature
range
Name
Description
Version
74LVC4T3144PW
-40 °C to +125 °C TSSOP14 plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
4 Functional diagram
aaa-027040
YB1
YB2
YB3
B4
A1
OE
A2
A3
YA4
VCC(B)
VCC(A)
Figure 1.  Logic symbol
5 Pinning information
5.1 Pinning
74LVC4T3144
VCC(A)
OE
A1
VCC(B)
A2
YB1
A3
YB2
YA4
YB3
GND
n.c.
GND
B4
aaa-027283
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Figure 2.  Pin configuration SOT402-1 (TSSOP14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com