Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC20M00950KBA Datasheet(PDF) 5 Page - AVX Corporation

Part # VC20M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20M00950KBA Datasheet(HTML) 5 Page - AVX Corporation

  VC20M00950KBA Datasheet HTML 1Page - AVX Corporation VC20M00950KBA Datasheet HTML 2Page - AVX Corporation VC20M00950KBA Datasheet HTML 3Page - AVX Corporation VC20M00950KBA Datasheet HTML 4Page - AVX Corporation VC20M00950KBA Datasheet HTML 5Page - AVX Corporation VC20M00950KBA Datasheet HTML 6Page - AVX Corporation VC20M00950KBA Datasheet HTML 7Page - AVX Corporation VC20M00950KBA Datasheet HTML 8Page - AVX Corporation VC20M00950KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
101
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
VJ14PA0160
10
100
1,000
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
Current (A)
+25°C
+25°Cinter (%)
+25°Cfinal (%)
+85°C
+125°C
VJ15PA0160K
10
100
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
-40°C
+25°C
+85°C
+125°C
Ct (A)
V/V1mA (%)
VJ15MA0340K
10
100
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
Current (A)
-40°C
+25°C
+85°C
+125°C
Repetitive Peak Current Strikes
0%
2%
4%
6%
8%
10%
12%
14%
16%
0
100
200
300
400
500
600
Number of strikes
VJ20MA0160K @200A
VJ13MA0160K @400A
VJ14MA0160K @800A
VJ15PA0160K @1200A
VJ15MA0160K @1200A
VJ15MA0340K @1200A
VJ14PA0160K @1000A
PULSE DEGRADATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com