Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC20M00950KBA Datasheet(PDF) 6 Page - AVX Corporation

Part # VC20M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20M00950KBA Datasheet(HTML) 6 Page - AVX Corporation

Back Button VC20M00950KBA Datasheet HTML 2Page - AVX Corporation VC20M00950KBA Datasheet HTML 3Page - AVX Corporation VC20M00950KBA Datasheet HTML 4Page - AVX Corporation VC20M00950KBA Datasheet HTML 5Page - AVX Corporation VC20M00950KBA Datasheet HTML 6Page - AVX Corporation VC20M00950KBA Datasheet HTML 7Page - AVX Corporation VC20M00950KBA Datasheet HTML 8Page - AVX Corporation VC20M00950KBA Datasheet HTML 9Page - AVX Corporation VC20M00950KBA Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
102
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
AUTOMOTIVE LOAD DUMP TEST
(According to ISO DP7637/2 Pulse 5)
Vz
Vi
0V
Tr
Td
10%
90%
t
When using the test method indicated below,
the amount of Energy dissipated by the
varistor must not exceed the Load Dump
Energy value specified in the product table.
12V Network
Vi = 13.5V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
Other Load Dump Simulations can be achieved
24V Network
Vi = 27V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
Pulse 5: Typical Vz max versus Pulse duration and Rs
Voltage Pulse applied to the varistor:
VJ20PA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
50ms
333439
49
100ms
31
31
34
43
200ms
27
28
33
43
400ms
28
30
34
42
VJ13PA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
50ms
444857
75
100ms
36
39
46
60
200ms
33
33
39
50
400ms
28
28
34
46
VJ14PA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
50ms
60
68
85
125
100ms
46
52
62
77
200ms
37
41
50
63
400ms
32
35
43
54
VJ15PA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
50ms
80
116
145
188
100ms
61
80
104
140
200ms
47
60
78
100
400ms
39
47
58
74
VJ15QA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
100ms
65
78
91
117
200ms
54
60
73
92
400ms
44
51
60
75
VJ15MA0340K
0.5 Ω
1 Ω
2 Ω
4 Ω
100ms
66
78
91
117
200ms
55
60
73
92
400ms
49
53
60
75
VJ15PA0340K
0.5 Ω
1 Ω
2 Ω
4 Ω
100ms
80
90
108
134
200ms
60
67
80
106
400ms
58
62
69
85
VJ32PA0160K
0.5 Ω
1 Ω
2 Ω
4 Ω
100ms
102
120
175
200
200ms
72
85
120
158
400ms
53
62
78
105
VJ32PA0340K
0.5 Ω
1 Ω
2 Ω
4 Ω
100ms
90
105
133
170
200ms
70
79
98
132
400ms
62
70
83
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com