Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC20M00950KBA Datasheet(PDF) 9 Page - AVX Corporation

Part # VC20M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20M00950KBA Datasheet(HTML) 9 Page - AVX Corporation

Back Button VC20M00950KBA Datasheet HTML 4Page - AVX Corporation VC20M00950KBA Datasheet HTML 5Page - AVX Corporation VC20M00950KBA Datasheet HTML 6Page - AVX Corporation VC20M00950KBA Datasheet HTML 7Page - AVX Corporation VC20M00950KBA Datasheet HTML 8Page - AVX Corporation VC20M00950KBA Datasheet HTML 9Page - AVX Corporation VC20M00950KBA Datasheet HTML 10Page - AVX Corporation VC20M00950KBA Datasheet HTML 11Page - AVX Corporation VC20M00950KBA Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
105
080216
Glass Encapsulated SMD Varistor MLV
VJ13 Standard Range
Industrial MLV Range – MC/PC Series
INDUSTRIAL MLV RANGE – VJ13 MC/PC SERIES
FEATURES
• Glass encapsulation device with very low leakage current
under DC operating conditions
• Device available in 1210 case size
• Bi-Directional protection. Fast Turn-On Time.
• Nickel and Tin (100%) plated Termination (Hybrid AgPdPt
termination available upon request)
• Excellent transient clamping characteristics up to
500amps peak current
• Multi strike capability. Provide EMC Capacitance
• RoHS Compliant
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +150ºC
Operating Temperature: -55ºC to +125ºC
Working Voltage: 18Vdc to 60Vdc
TYPICAL APPLICATIONS
• Protection of various semiconductor elements from over-
voltage
• Industrial equipment
• Consumer Electronics
• Plug-in cards, remote controls
• Home automation
Working
Breakdown Voltage
Vclamp
max.
Energy
CAP
Part Number
Voltage
Voltage at 1mA
(8x20µs)
peak current
(10x1000µs)
(1KHz/.5Vrms)
(8x20µs)
Vdc
min
Nom
max
Vp
Ip(A)
Amp.
J
pF
VJ13MC0180K--
18
21.6
24
26.5
45
10
500
1.5
2200
VJ13MC0260K--
26
29.7
33
36.3
62
10
300
1.2
1200
VJ13MC0300K--
30
35.1
39
42.9
73
10
220
0.9
1000
VJ13PC0300K--
30
35.1
39
42.9
73
10
280
1.2
1000
VJ13MC0480K--
48
54.5
60.5
66.5
110
10
220
0.9
530
VJ13PC0480K--
48
54.5
60.5
66.5
110
10
250
1.2
500
VJ13MC0600K--
60
67
75
83
126
10
250
1.5
400
VC with hybrid solderable termination same electrical characteristics
Other voltage values available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com