Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378-ISZ Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 59Page - Cirrus Logic CS5378-ISZ Datasheet HTML 60Page - Cirrus Logic CS5378-ISZ Datasheet HTML 61Page - Cirrus Logic CS5378-ISZ Datasheet HTML 62Page - Cirrus Logic CS5378-ISZ Datasheet HTML 63Page - Cirrus Logic CS5378-ISZ Datasheet HTML 64Page - Cirrus Logic CS5378-ISZ Datasheet HTML 65Page - Cirrus Logic CS5378-ISZ Datasheet HTML 66Page - Cirrus Logic CS5378-ISZ Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
CS5378
DS639F1
63
18. TIME BREAK CONTROLLER
A time break signal is used to mark timing events
that occur during measurement. An external signal
sets a flag in the status byte of an output sample to
mark when the external event occurred.
A rising edge input to the TIMEB pin causes the
TB timing reference flag to be set in the serial data
status byte. When set, the TB flag appears for only
one output sample in the status byte. The TB flag
output can be delayed by programming a sample
delay value into the TIMEBRK digital filter regis-
ter.
18.1 Pin Description
TIMEB - Pin 20
Time break input pin, rising edge triggered.
18.2 Time Break Operation
An externally generated timing reference signal ap-
plied to the TIMEB pin initiates an internal sample
counter. After a number of output samples have
passed, programmed in the TIMEBRK digital filter
register (0x29), the TB flag is set in the status byte
of the serial data output word. The TB flag is auto-
matically cleared for subsequent data words, and
appears for only one output sample.
18.3 Time Break Delay
The TIMEBRK register (0x29) sets a sample delay
between a received rising edge on the TIMEB pin
and writing the TB flag into the serial data status
byte.
The programmable sample counter can compensate
for group delay through the digital filters. When the
proper group delay value is programmed into the
TIMEBRK register, the TB flag will be set in the
status byte of the measurement sample taken when
the timing reference signal was received.
18.3.1 Step Input and Group Delay
A simple method to empirically measure the step
response and group delay of a CS5378 measure-
ment channel is to use the time break signal as both
a timing reference input and an analog step input.
When a rising edge is received on the TIMEB pin
with no delay programmed into the TIMEBRK reg-
ister, the TB flag is set in the next serial data status
byte. The same rising edge can act as a step input
to the analog channel, propagating through the dig-
ital filter to appear as a rising edge in the measure-
ment data. By comparing the timing of the TB
status flag output and the rising edge in the mea-
surement data, the measurement channel group de-
lay can be determined.
TIMEB
in Serial Data
Status Byte
Delay Counter
TIMEBRK
TB Flag
Figure 37. Time Break Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com