Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378-ISZ Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 62Page - Cirrus Logic CS5378-ISZ Datasheet HTML 63Page - Cirrus Logic CS5378-ISZ Datasheet HTML 64Page - Cirrus Logic CS5378-ISZ Datasheet HTML 65Page - Cirrus Logic CS5378-ISZ Datasheet HTML 66Page - Cirrus Logic CS5378-ISZ Datasheet HTML 67Page - Cirrus Logic CS5378-ISZ Datasheet HTML 68Page - Cirrus Logic CS5378-ISZ Datasheet HTML 69Page - Cirrus Logic CS5378-ISZ Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
CS5378
DS639F1
66
20. REGISTER SUMMARY
20.1 SPI Registers
The CS5378 SPI registers interface the serial port to the digital filter.
Name
Addr.
Type
# Bits
Description
SPICTRLH
00
R/W
8
SPI Control Register, High Byte
SPICTRLM
01
R/W
8
SPI Control Register, Middle Byte
SPICTRLL
02
R/W
8
SPI Control Register, Low Byte
SPICMDH
03
R/W
8
SPI Command, High Byte
SPICMDM
04
R/W
8
SPI Command, Middle Byte
SPICMDL
05
R/W
8
SPI Command, Low Byte
SPIDAT1H
06
R/W
8
SPI Data 1, High Byte
SPIDAT1M
07
R/W
8
SPI Data 1, Middle Byte
SPIDAT1L
08
R/W
8
SPI Data 1, Low Byte
SPIDAT2H
09
R/W
8
SPI Data 2, High Byte
SPIDAT2M
0A
R/W
8
SPI Data 2, Middle Byte
SPIDAT2L
0B
R/W
8
SPI Data 2, Low Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com