Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378-ISZ Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 68Page - Cirrus Logic CS5378-ISZ Datasheet HTML 69Page - Cirrus Logic CS5378-ISZ Datasheet HTML 70Page - Cirrus Logic CS5378-ISZ Datasheet HTML 71Page - Cirrus Logic CS5378-ISZ Datasheet HTML 72Page - Cirrus Logic CS5378-ISZ Datasheet HTML 73Page - Cirrus Logic CS5378-ISZ Datasheet HTML 74Page - Cirrus Logic CS5378-ISZ Datasheet HTML 75Page - Cirrus Logic CS5378-ISZ Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
CS5378
DS639F1
72
20.2.1
CONFIG : 0x00
(MSB)23
22212019181716
--
--
--
--
--
DFS2
DFS1
DFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000101
15
14
13
12
11
10
9
8
--
--
--
--
--
MCKFS2
MCKFS1
MCKFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000100
7654321
(LSB)0
STAT
--
MCKEN2
MCKEN
MDIFS
--
BOOT
MSEN
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
00000001
Figure 43. Hardware Configuration Register CONFIG
Bit definitions:
23:19 --
reserved
15:11 --
reserved
7:6
STAT
Serial Data Status Byte
1: Disabled (24-bit output)
0: Enabled (32-bit output)
18:16 DFS
[2:0]
Digital filter
frequency select
111: Reserved
110: 8.192 MHz
101: 4.096 MHz
100: 2.048 MHz
011: 1.024 MHz
010: 512 kHz
001: 256 kHz
000: 32 kHz
10:8
MCKFS
[2:0]
MCLK frequency select
111: reserved
110: reserved
101: 4.096 MHz
100: 2.048 MHz
011: 1.024 MHz
010: 512 kHz
001: reserved
000: reserved
5
MCKEN2
MCLK/2 output enable
1: Enabled
0: Disabled
4
MCKEN
MCLK output enable
1: Enabled
0: Disabled
3
MDIFS
MDATA input frequency
select
1: 256 kHz
0: 512 kHz
2
--
reserved
1
BOOT
Boot source indicator
1: Booted from EEPROM
0: Booted from Micro
0
MSEN
MSYNC enable
1: MSYNC generated
0: MSYNC remains low
DF Address: 0x00
--
Not defined;
read as 0
R
Readable
WWritable
R/W
Readable and
Writable
Bits in bottom rows
are reset condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com