Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5550 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5550
Description  Two-channel, Low-cost A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5550 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5550 Datasheet HTML 11Page - Cirrus Logic CS5550 Datasheet HTML 12Page - Cirrus Logic CS5550 Datasheet HTML 13Page - Cirrus Logic CS5550 Datasheet HTML 14Page - Cirrus Logic CS5550 Datasheet HTML 15Page - Cirrus Logic CS5550 Datasheet HTML 16Page - Cirrus Logic CS5550 Datasheet HTML 17Page - Cirrus Logic CS5550 Datasheet HTML 18Page - Cirrus Logic CS5550 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CS5550
DS630F1
15
4. SERIAL PORT OVERVIEW
The CS5550's serial port incorporates a state machine with transmit/receive buffers. The state machine
interprets 8-bit command words on the rising edge of SCLK. Upon decoding of the command word, the
state machine performs the requested command or prepares for a data transfer of the addressed register.
Request for a read requires an internal register transfer to the transmit buffer, while a write waits until the
completion of 24 SCLKs before performing a transfer. The internal registers are used to control the ADC's
functions. All registers are 24-bits in length.
The CS5550 is initialized and fully operational in its active state upon power-on. After a power-on, the de-
vice will wait to receive a valid command (the first 8-bits clocked into the serial port). Upon receiving and
decoding a valid command word, the state machine instructs the converter to either perform a system op-
eration, or transfer data to or from an internal register. The user should refer to the “Commands” section
to decode all valid commands.
4.1 Commands
All command words are 1 byte in length. Any 8-bit word that is not listed in this section should be considered an
illegal command word, and issuing any such illegal command word to the serial interface can result in unpredictable
operation of the CS5550. Commands that write to a register must be followed by 3 bytes of register data. Commands
that read data can be chained with other commands (e.g., while reading data, a new command can be sent to SDI
which can execute before the original read is completed). This allows for “chaining” commands.
4.1.1 Start Conversions
This command indicates to the state machine to begin acquiring measurements and calculating results. The device
has two modes of acquisition.
C =
Modes of acquisition/measurement
0 = Perform a single computation cycle
1 = Perform continuous computation cycles
4.1.2 SYNC0 Command
This command is the end of the serial port re-initialization sequence. The command can also be used as a NOP
command. The serial port is resynchronized to byte boundaries by sending three or more consecutive SYNC1 com-
mands followed by a SYNC0 command.
4.1.3 SYNC1 Command
This command is part of the serial port re-initialization sequence. The command also serves as a NOP command.
B7
B6
B5
B4
B3
B2
B1
B0
1110
C
000
B7
B6
B5
B4
B3
B2
B1
B0
11111110
B7
B6
B5
B4
B3
B2
B1
B0
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com