Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS643D Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29BDS643D
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 24Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 25Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 26Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 27Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 28Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 29Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 30Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 31Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28
Am29BDS643D
PRELI M INARY
DC CHARACTERISTICS
CMOS Compatible
Note:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. When OE# = VIH, burst mode is deactivated. If OE# = VIL is reasserted, the last data prior to OE# = VIH will remain available
from the device. A new burst read sequence is initiated when new address is asserted, AVD# = VIL and OE# = VIH.
3. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Device enters automatic sleep mode when addresses are stable for tACC + 60 ns. Typical sleep mode current is equal to ICC3.
6. Total current during accelerated programming is the sum of VPP and VCC currents.
Parameter Description
Test Conditions (Note 1)
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB1
VCC Active Burst Read Current
CE# = VIL, OE# = VIL
25
30
mA
ICCB2
CE# = VIL, OE# = VIH (Note 2)
0.5
1
mA
ICC1
VCC Active Asynchronous Read
Current (Note 3)
CE# = VIL, OE# = VIH
5 MHz
12
16
mA
1 MHz
3.5
5
mA
ICC2
VCC Active Write Current (Note 4)
CE# = VIL, OE# = VIH, VPP = VIH
15
40
mA
ICC3
VCC Standby Current (Note 5)
CE# = VIH, RESET# = VIH
0.2
10
µA
ICC4
VCC Reset Current
RESET# = VIL, CLK = VIL
0.2
10
µA
ICC5
VCC Active Current
(Read While Write)
CE# = VIL, OE# = VIL
40
60
mA
IPP
Accelerated Program Current
(Note 6)
CE# = VIL, OE# = VIH,
VPP = 12.0 ± 0.5 V
VPP
715
mA
VCC
510
mA
VIL
Input Low Voltage
–0.5
0.2
V
VIH
Input High Voltage
VCC – 0.2
VCC + 0.2
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min
VCC – 0.1
V
VID
Voltage for Accelerated Program
11.5
12.5
V
VLKO
Low VCC Lock-out Voltage
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com