Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS643D Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29BDS643D
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 43Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 44Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 45Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
46
Am29BDS643D
PRELI M INARY
REVISION SUMMARY
Revision A (June 20, 2000)
initial release.
Revision A+1 (November 27, 2000)
Global
Deleted all references to non-handshaking option.
Ordering Information
Added “H’ designator to device package marking.
Requirements for Synchronous (Burst)
Read Operation
Changed the latency for address boundary crossing to
two cycles for all speeds of operation.
Autoselect Command Sequence
Corrected autoselect data for handshaking to 0041h.
Added table to section for feature clarification.
Chip Erase Command Sequence
Corrected the command sequence length during
unlock bypass mode from four cycles to two.
DC Characteristics table
Added specification for active burst mode current with
OE# high, ICCB2. Original ICCB specification is now
named ICCB1.
Program Command Sequence, Accelerated
Program Operation
Added text indicating that sectors must be unlocked
prior to raising VPP to VID.
Table 4, Command Definitions
Corrected autoselect data for handshaking to 0041h.
AC Characteristics
s Burst Mode Read figures (40 and 54 MHz): Cor-
rected RDY waveform to indicate behavior when PS
is enabled and when RDY is in the high-impedence
stage
.
Accelerated Unlock Bypass Programming Timing
figure: Modified Note 3 to indicate that sectors must be
unlocked prior to raising VPP to VID.
Latency with Boundary Crossing (40 MHz) figure:
Deleted figure; all speed options have a two-cycle
latency.
Initial Access with Power Saving (PS) and Address
Boundary Latency figure: Modified to show that
two-cycle latency is present, and that RDY is high for a
portion of the boundary latency.
Revision A+2 (November 30, 2000)
Figure 11, Asynchronous Mode Read
Corrected endpoint for tAAVDS specification.
Figure 17, Toggle Bit Timings
(During Embedded Algorithm)
Corrected OE# waveform during second VA (valid
address) period.
Revision A+3 (December 21, 2000)
Figure 9, Burst Mode Read (54 MHz) and Figure 10,
Burst Mode Read (40 MHz)
Corrected RDY waveform.
Trademarks
Copyright © 2000 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com