Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0201647 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0201647
Description  MKDSP 10N/ 4-10,16
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201647 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0201647 Datasheet HTML 1Page - PHOENIX CONTACT 0201647 Datasheet HTML 2Page - PHOENIX CONTACT 0201647 Datasheet HTML 3Page - PHOENIX CONTACT 0201647 Datasheet HTML 4Page - PHOENIX CONTACT 0201647 Datasheet HTML 5Page - PHOENIX CONTACT 0201647 Datasheet HTML 6Page - PHOENIX CONTACT 0201647 Datasheet HTML 7Page - PHOENIX CONTACT 0201647 Datasheet HTML 8Page - PHOENIX CONTACT 0201647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCB terminal block, Screw connection with tension
sleeve
Order No.: 1774234
Type: MKDSP 10N/ 4-10,16
Data sheet
1
Main features
2
Your advantages
 No. of pos.
4
 Nominal current
76 A
 Conductor cross section
10 mm²
 Nominal voltage
1000 V
 Color
green
 Connection direction
0 °
 Pitch
10.16 mm
 Type of packaging
packed in cardboard
 Connection method
Screw connection with
tension sleeve
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Quick and convenient testing using integrated test option
The latching on the side enables various numbers of positions to be combined
Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1774234
2017-09-28
Product version 00
The figure shows a 2-pos. version of the product
Document revision 0


Similar Part No. - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201647 PHOENIX-0201647 Datasheet
46Kb / 2P
Reducing plug, Color: gray
0201647 PHOENIX-0201647 Datasheet
180Kb / 13P
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
0201647 PHOENIX-0201647 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0201647 PHOENIX-0201647 Datasheet
135Kb / 6P
FKICS 2,5/ 4-ST-5,08
0201647 PHOENIX-0201647 Datasheet
134Kb / 5P
MKDSP 10N/ 8-10,16
More results

Similar Description - 0201647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700846 PHOENIX-1700846 Datasheet
134Kb / 5P
MKDSP 10N/ 8-10,16
1773976 PHOENIX-1773976 Datasheet
141Kb / 5P
MKDSP 10N/ 2-10,16
1774027 PHOENIX-1774027 Datasheet
57Kb / 4P
PCB terminal block - MKDSP 10N/ 2-10,16 BK
1774072 PHOENIX-1774072 Datasheet
51Kb / 4P
PCB terminal block - MKDSP 10N/ 2-10,16 SZS BD
1774137 PHOENIX-1774137 Datasheet
93Kb / 6P
PCB terminal block - MKDSP 10N/ 3-10,16
1774140 PHOENIX-1774140 Datasheet
92Kb / 4P
PCB terminal block - MKDSP 10N/ 3-10,16 (1,3)
1774182 PHOENIX-1774182 Datasheet
53Kb / 4P
PCB terminal block - MKDSP 10N/ 3-10,16 GY H1L
1774195 PHOENIX-1774195 Datasheet
53Kb / 4P
PCB terminal block - MKDSP 10N/ 3-10,16 H1L
1774289 PHOENIX-1774289 Datasheet
81Kb / 5P
PCB terminal block - MKDSP 10N/ 5-10,16
1774085 PHOENIX-1774085 Datasheet
99Kb / 3P
PCB terminal block - MKDSP 10N/ 2-10,16 SZS BD:,
11/04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com