Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0201647 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 0201647
Description  MKDSP 10N/ 4-10,16
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201647 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 0201647 Datasheet HTML 5Page - PHOENIX CONTACT 0201647 Datasheet HTML 6Page - PHOENIX CONTACT 0201647 Datasheet HTML 7Page - PHOENIX CONTACT 0201647 Datasheet HTML 8Page - PHOENIX CONTACT 0201647 Datasheet HTML 9Page - PHOENIX CONTACT 0201647 Datasheet HTML 10Page - PHOENIX CONTACT 0201647 Datasheet HTML 11Page - PHOENIX CONTACT 0201647 Datasheet HTML 12Page - PHOENIX CONTACT 0201647 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REF 1773976
PHOENIX CONTACT 13 / 13
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
1774234 MKDSP 10N/ 4-10,16
2017-09-28
Product version 00
Document revision 0
16
Commercial Data
Order No.
1774234
Type
MKDSP 10N/ 4-10,16
Pieces per package
50
Net weight
30.59 g
GTIN
4046356481687
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Description
Order No.
Type
0201744
MPS-MT
0201647
RPS
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-
slip grip
1205053
SZS 0,6X3,5
0804688
SK 10/5: 0-9
Crimping pliers, for ferrules without insulating collar according to DIN
46228 Part 1 and ferrules with insulating collar according to DIN 46228 Part
4, 0.25 mm² ... 6.0 mm², lateral entry, trapezoidal crimp
1212034
CRIMPFOX 6
Crimping pliers for ferrules up to 16 mm²
1207983
CRIMPFOX 16 S
0201663
MPS-IH WH
0201676
MPS-IH RD
0201689
MPS-IH BU
0201692
MPS-IH YE
0201702
MPS-IH GN
0201728
MPS-IH GY
0201731
MPS-IH BK
17
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com