Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0201647 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0201647
Description  MKDSP 10N/ 4-10,16
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201647 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0201647 Datasheet HTML 1Page - PHOENIX CONTACT 0201647 Datasheet HTML 2Page - PHOENIX CONTACT 0201647 Datasheet HTML 3Page - PHOENIX CONTACT 0201647 Datasheet HTML 4Page - PHOENIX CONTACT 0201647 Datasheet HTML 5Page - PHOENIX CONTACT 0201647 Datasheet HTML 6Page - PHOENIX CONTACT 0201647 Datasheet HTML 7Page - PHOENIX CONTACT 0201647 Datasheet HTML 8Page - PHOENIX CONTACT 0201647 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1774234 MKDSP 10N/ 4-10,16
REF 1773976
PHOENIX CONTACT
2 / 13
2017-09-28
Product version 00
Document revision 0
3Table of contents
1
Main features........................................................................................................................... 1
2
Your advantages ..................................................................................................................... 1
3
Table of contents ..................................................................................................................... 2
4
3D model in PDF can be activated (Acrobat Reader only) ....................................................... 3
5
item properties......................................................................................................................... 4
5.1
Connection capacity
............................................................................................................. 4
5.2
Material data
...................................................................................................................... 4
6
Dimensions.............................................................................................................................. 5
6.1
Dimensions for the product
.................................................................................................... 5
6.2
Dimensions for PCB design
.................................................................................................... 5
7
Series drawing......................................................................................................................... 6
8
Packaging information ............................................................................................................. 6
9
Application............................................................................................................................... 6
9.1
Temperature limit values
....................................................................................................... 6
10
Mechanical tests...................................................................................................................... 7
10.1
Torque test
......................................................................................................................... 7
10.2
Check for damage to conductor or loosening
.............................................................................. 7
10.3
Pull-out test
........................................................................................................................ 7
11
Electrical tests ......................................................................................................................... 8
11.1
Electrical data
..................................................................................................................... 8
11.2
Air clearances and creepage distances
..................................................................................... 8
11.3
Temperature rise test
............................................................................................................ 8
12
Current carrying capacity/derating curves ............................................................................... 9
13
Environmental and durability tests ......................................................................................... 10
13.1
Resistance to ageing, humidity and penetration of solids
............................................................. 10
13.2
Insulation resistance
........................................................................................................... 10
13.3
Test of the power frequency electric strength
............................................................................ 10
13.4
Glow-wire test
................................................................................................................... 10
13.5
Mechanical strength/tumbling barrel
....................................................................................... 10
13.6
Vibration test
.................................................................................................................... 10
13.7
Testing in a saturated atmosphere in the presence of sulfur dioxide
............................................... 10
14
Type approval and special tests ............................................................................................ 12
15
Approvals .............................................................................................................................. 12
16
Commercial Data ................................................................................................................... 13
17
Accessories ........................................................................................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com