Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 151Page - STMicroelectronics ST92195C3 Datasheet HTML 152Page - STMicroelectronics ST92195C3 Datasheet HTML 153Page - STMicroelectronics ST92195C3 Datasheet HTML 154Page - STMicroelectronics ST92195C3 Datasheet HTML 155Page - STMicroelectronics ST92195C3 Datasheet HTML 156Page - STMicroelectronics ST92195C3 Datasheet HTML 157Page - STMicroelectronics ST92195C3 Datasheet HTML 158Page - STMicroelectronics ST92195C3 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 249 page
background image
155/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
7.7.5 Hamming Decoding
The Hamming Decoding Unit is a separate block
that the application software can use to check and
decode Hamming coded data groups of three
bytes (Hamming 24/18 format) or one data byte
(Hamming 8/4 format).
The bytes must either be written to the three corre-
sponding registers ACQHD2R, ACQHD1R and
ACQHD0R or only to ACQHD0R. The bytes must
be written in the correct order, where the last sig-
nificant bit is the ACQHD0R (b0). Once the last
byte is written, in the case of Hamming 24/18
check, the result is immediately available on 18
bits, plus one bit for validating the data. In the case
of Hamming 8/4 check, the result is available on 4
bits, plus one bit for validating data.
In order to detect uncorrected remaining errors,
the ERR bit (bit 23 for Hamming 24/18 or bit 4 for
Hamming 8/4) of the bytes word acts as an “Invalid
Hamming Data” Flag upon being read (Hamming
error detected when the flag is set).
7.7.5.1 Hamming 24/18 Decoding
A1-A6
Row or column address
M1-M5
Mode description bits
D1-D6
Data bits
P1-P6
Hamming protection bits
Error Bit Address Calculation
The error bit position pos is calculated as follows:
pos = !P5*24+!P4*23+!P3*22+!P2*21+!P1*20
!Pi is Pi complemented.
If pos > 23 and not equal to 0, then there is more
than one error in the 3-byte group and the data
group is to be rejected. To correct a single-bit error
the specified bit is complemented. It is not neces-
sary to correct a protection bit that is in error.
byte
2
1
bit
b23 b22 b21 b20 b19 b18 b17 b16 b15 b14 b13 b12 b11 b10
b9
b8
name
P6
D7
D6
D5
D4
D3
D2
D1
P5
M5
M4
M3
M2
M1
A6
A5
byte
0
bit
b7
b6
b5
b4
b3
b2
b1
b0
name
P4
A4
A3
A2
P3
A1
P2
P1
Equation Number
Equation
(⊕ = xor)
P1
=b0 ⊕ b2 ⊕ b4⊕ b6 ⊕ b8 ⊕ b10 ⊕ b12 ⊕ b14 ⊕ b16 ⊕ b18 ⊕ b20 ⊕ b22
P2
=b1 ⊕ b2 ⊕ b5 ⊕ b6 ⊕ b9 ⊕ b10 ⊕ b13 ⊕ b14 ⊕ b17 ⊕ b18 ⊕ b21 ⊕ b22
P3
=b3 ⊕ b4 ⊕ b5 ⊕ b6 ⊕ b11 ⊕ b12 ⊕ b13 ⊕ b14 ⊕ b19 ⊕ b20 ⊕ b21 ⊕ b22
P4
=b7 ⊕ b8 ⊕ b9 ⊕ b10 ⊕ b11 ⊕ b12 ⊕ b13 ⊕ b14
P5
=b15 ⊕ b16 ⊕ b17 ⊕ b18 ⊕ b19 ⊕ b20 ⊕ b21 ⊕ b22
P6
=b0 ⊕ b1 ⊕ b2 ⊕ b3 ⊕ b4 ⊕ b5 ⊕ b6 ⊕ b7 ⊕ b8 ⊕ b9 ⊕ b10 ⊕ b11 ⊕ b12 ⊕ b13 ⊕ b14
⊕ b15 ⊕ b16 ⊕ b17 ⊕ b18 ⊕ b19 ⊕ b20 ⊕ b21 ⊕ b22 ⊕ b23
P1-P5
P6
Conclusion
Handling
ERR
all 1
0
No errors in
data bits, only
in b23
accept
data bits
0
all 1
1
No error in
data bits
accept
data bits
0
don’t
care 0
& 1
0
single bit error
error bit ad-
dress cal-
culation
see below
0 if
pos is
from 1 to 23,
1 if
pos= 0 or
>23
don’t
care 0
& 1
1
double bit error
rejected
data bits
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com