Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 155Page - STMicroelectronics ST92195C3 Datasheet HTML 156Page - STMicroelectronics ST92195C3 Datasheet HTML 157Page - STMicroelectronics ST92195C3 Datasheet HTML 158Page - STMicroelectronics ST92195C3 Datasheet HTML 159Page - STMicroelectronics ST92195C3 Datasheet HTML 160Page - STMicroelectronics ST92195C3 Datasheet HTML 161Page - STMicroelectronics ST92195C3 Datasheet HTML 162Page - STMicroelectronics ST92195C3 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 249 page
background image
159/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
ACQUISITION PACKET REQUEST REGISTER
(ACQPRR)
R251 - Read/Write
Register Page: 34
Reset value: 0xxx 0000 (00h)
Bit 7 = HAMF:
Hamming Check mode control.
This bit is set and cleared by software.
0: Hamming 8/4 correction
1: Hamming 24/18 correction
Bit 6 = Reserved bit.
Bit 5 = FR7B:
Framing Code 7 Matching Bits Error.
This bit is set by hardware when only 7 of the 8
framing code bits are valid. This bit must be reset
by software.
0: No error
1: 7-bits of 8-bit framing code matched
Bit 4 = FRDET:
Acknowledge Framing Code 7
Bits.
This bit is set and cleared by software.
0: Framing codes that match on only 7 bits are not
acknowledged.
1: Acknowledge Framing codes that match on only
7 bits
Bit 3 = SPF:
Service Packet Flag.
This bit is set by hardware and cleared by soft-
ware. The type of service packet requested is pro-
grammed using the P[29:31] bits.
0: No service packet received
1: Service packet is received and was requested.
Bits 2:0 = P[31:P29]:
X/29, X/30, X/31 Packet
Control.
These bits are programmed by software before
each VBI.
0: Service packets Px are never stored.
1: Service packets Px will be stored.
TELETEXT QUALITY MEASURE REGISTER
(ACQTQMR)
R252 - Read/Write
Register Page: 34
Reset value: 0000 0000 (00h)
Bits 7:4 = HEC[3:0]:
Hamming Errors Counter.
These bits contain the error counter value. When
an overflow occurs, the incrementation is stopped
at the value Fh. The counter is reset by Hardware
at each Vsync. HEC[3] is the most significant bit.
Bits 3:0 = BLC[3:0]:
Bad Line Counter.
These bits contain the error counter value. When
an overflow occurs, the incrementation is stopped
to the value Fh. The counter is reset by Hardware
at each Vsync. BLC[3] is the most significant bit.
70
HAMF
-
FR7B FRDET
SPF
P31
P30
P29
70
HEC3
HEC2
HEC1
HEC0
BLC3
BLC2
BLC1
BLC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com