Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 154Page - STMicroelectronics ST92195C3 Datasheet HTML 155Page - STMicroelectronics ST92195C3 Datasheet HTML 156Page - STMicroelectronics ST92195C3 Datasheet HTML 157Page - STMicroelectronics ST92195C3 Datasheet HTML 158Page - STMicroelectronics ST92195C3 Datasheet HTML 159Page - STMicroelectronics ST92195C3 Datasheet HTML 160Page - STMicroelectronics ST92195C3 Datasheet HTML 161Page - STMicroelectronics ST92195C3 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 249 page
background image
158/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
7.7.7 Register Description
ACQUISITION PAGE OPEN REGISTER
(ACQPOR)
R248 - Read/Write
Register Page: 34
Reset value: 0000 0000 (00h)
Bits 7:0 = POR[7:0] The data packets associated
with each bit will be stored or not depending also
on the value if the corresponding MLR bit in the
ACQMLR register. Refer to the ACQMLR register
description.
ACQUISITION MAGAZINE LOCKED REGISTER
(ACQMLR)
R249 - Read/Write
Register Page: 34
Reset value: 0000 0000 (00h)
Bits 7:0 = MLR[7:0] The associated Data Packets
of the corresponding magazine will be stored as
described in the following table:
ACQUISITION NEW HEADER RECEIVED REG-
ISTER (ACQNHRR)
R250 - Read/Write
Register Page: 34
Reset value: 0000 0000 (00h)
Each bit in the ACQNHR register corresponds to a
magazine. It is set by hardware if a new header of
the corresponding magazine is received and must
be reset by software after each VBI.
Bits 7:0 = NHR[7:0]
New Header Received.
0: No new header received.
1: A new header was received and the storage of
the 41 bytes flow depends on the ACQPOR /
ACQMLR values shown in the following table.
70
POR7
POR6
POR5
POR4
POR3
POR2
POR1
POR0
70
MLR7
MLR6
MLR5
MLR4
MLR3
MLR2
MLR1
MLR0
MLRi PORi
Meaning
10
Magazine locked. No storage even if a
header is received
0
0
Page closed, wait for new header
0
1
Page opened. Storage
70
NHR7
NHR6
NHR5
NHR4
NHR3
NHR2
NHR1
NHR0
MLRi PORi NHRi
Results
10
-
Magazine locked; no storage
done
00
0
No storage for that magazine dur-
ing the VBI
00
1
Storage started on new header
received
01
0
Current page not yet closed; data
received or not
01
1
Current page closed; new page
started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com