| Electronic Components Datasheet Search |
|
ST92195C3 Datasheet(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C3 Datasheet(HTML) 157 Page - STMicroelectronics |
|
157 / 249 page ![]() 157/249 ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT TELETEXT SLICER AND ACQUISITION UNIT (Cont’d) 7.7.6 Teletext Signal Quality Measure In order to determine the quality level of the re- ceived CVBS Teletext signal, the following infor- mation is provided to the CPU through the Teletext signal Quality Measure register, called “AC- QTQM”. 7.7.6.1 Bad TV line criterion During each VBI, “bad” TV lines are counted. The “bad” TV line pulses issued by the Sync Extractor macrocell are counted by a 4 bit counter. These pulses are generated only during the VBI. This “bad TV line” counter is reset by hardware at each Vsync (extracted from the CVBS). If an overflow occurs, then the counter value is locked to Fh. 7.7.6.2 Hamming Errors Code criterion At the same time as each VBI, the number of Ham- ming Errors detected by the “8/4 Hamming Decod- ing” is counted. The detection is done only on the two first bytes after the Framing Code Byte in each Teletext packet during the whole VBI and when the Framing Code is correct and recognized. One “Hamming Error” pulse corresponds to one or several errors in the same byte, corrected or not by the “8/4 Hamming Decoding”. The Hamming Errors are counted by a 4-bit counter, reset by hardware at each Vsync (issued from the CVBS). If an overflow occurs, then the counter value is locked to Fh. The ACQTQM register provides in a nibble format, the 2 above described kinds of information. The lower nibble of the ACQTQM register gives the number of “bad TV lines” per VBI. The higher nib- ble of the ACQTQM register gives the number of “Hamming error codes” per VBI. It is up to the application programmer to use this information and issue an acceptance criterion on the Teletext signal quality to enable or disable any Data Slicing. The ACQTQM register is a read-only register. 7.7.6.3 Reduced Framing Code Criterion The FR7B status bit in the ACQPRR register pro- vides rough information about the Framing code correctness. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |