| Electronic Components Datasheet Search |
|
ST92195C3 Datasheet(PDF) 206 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C3 Datasheet(HTML) 206 Page - STMicroelectronics |
|
206 / 249 page ![]() 206/249 ST92195C/D - PWM GENERATOR PWM GENERATOR (Cont’d) Up to 8 PWM outputs can be selected as Alternate Functions of an I/O port. Each output bit is inde- pendently controlled by a separate Compare Reg- ister. When the value programmed into the Com- pare Register and the counter value are equal, the corresponding output bit is set. The output bit is re- set by a counter clear (by overflow or autoclear), generating the variable PWM signal. Each output bit can also be complemented or dis- abled under software control. 7.13.2 Register Mapping The ST9 can have one or two PWM Generators. Each has 13 registers mapped in page 59 (PWM0) or page 58 (PWM1). In the register description on the following pages, the register page refers to PWM0 only. Figure 112. PWM Action When Compare Register = 0 (no complement) Figure 113. PWM Action When Compare Register = 3 (no complement) Register Address Register Function R240 CM0 Ch. 0 Compare Register R241 CM1 Ch. 1 Compare Register R242 CM2 Ch. 2 Compare Register R243 CM3 Ch. 3 Compare Register R244 CM4 Ch. 4 Compare Register R245 CM5 Ch. 5 Compare Register R246 CM6 Ch. 6 Compare Register R247 CM7 Ch. 7 Compare Register R248 ACR Autoclear Register R249 CRR Counter Read Register R250 PCTLR Prescaler/ Reload Reg. R251 OCPLR Output Complement Reg. R252 OER Output Enable Register R253- R255 — Reserved VR0A1814 PWM CLOCK PWM OUTPUT Counter=Autoclear value Counter=0 Counter=1 VR001814 PWM CLOCK PWM OUTPUT Counter=Autoclear value Counter=0 Counter=3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |