Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 206Page - STMicroelectronics ST92195C3 Datasheet HTML 207Page - STMicroelectronics ST92195C3 Datasheet HTML 208Page - STMicroelectronics ST92195C3 Datasheet HTML 209Page - STMicroelectronics ST92195C3 Datasheet HTML 210Page - STMicroelectronics ST92195C3 Datasheet HTML 211Page - STMicroelectronics ST92195C3 Datasheet HTML 212Page - STMicroelectronics ST92195C3 Datasheet HTML 213Page - STMicroelectronics ST92195C3 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 249 page
background image
210/249
ST92195C/D - ELECTRICAL CHARACTERISTICS
8 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Note: Stress above those listed as “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Note: In order for the data slicer to operate correctly, the crystal frequency must be either 4 or 8 MHz. Please refer to Section 4, RESET AND
CLOCK CONTROL UNIT (RCCU).
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
VSS - 0.3 to VSS + 7.0
V
VSSA
Analog Ground
VSS - 0.3 to VSS + 0.3
V
VDDA
Analog Supply Voltage
VDD -0.3 to VDD +0.3
V
VI
Input Voltage
VSS - 0.3 to VDD +0.3
V
VAI
Analog Input Voltage (A/D Converter)
VSS - 0.3 to VDD +0.3
VSSA - 0.3 to VDDA +0.3
V
VO
Output Voltage
VSS - 0.3 to VDD + 0.3
V
TSTG
Storage Temperature
- 55 to + 150
°C
IINJ
Pin Injected Current
Maximum Accumulated Pin
Injected Current In Device
- 5 to + 5
- 50 to +5 0
mA
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
0
70
°C
VDD
Supply Voltage
4.5
5.5
V
VDDA
Analog Supply Voltage (PLL)
4.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com