Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 203Page - STMicroelectronics ST92195C3 Datasheet HTML 204Page - STMicroelectronics ST92195C3 Datasheet HTML 205Page - STMicroelectronics ST92195C3 Datasheet HTML 206Page - STMicroelectronics ST92195C3 Datasheet HTML 207Page - STMicroelectronics ST92195C3 Datasheet HTML 208Page - STMicroelectronics ST92195C3 Datasheet HTML 209Page - STMicroelectronics ST92195C3 Datasheet HTML 210Page - STMicroelectronics ST92195C3 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 249 page
background image
207/249
ST92195C/D - PWM GENERATOR
PWM GENERATOR (Cont’d)
7.13.2.1 Register Description
COMPARE REGISTER 0 (CM0)
R240 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 0. When the programmed content is equal to
the counter content, a SET operation is performed
on PWM output 0 (if the output has not been com-
plemented or disabled).
Bit 7:0 = CM0.[7:0]: PWM Compare value Chan-
nel 0.
COMPARE REGISTER 1 (CM1)
R241 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 1.
COMPARE REGISTER 2 (CM2)
R242 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 2.
COMPARE REGISTER 3 (CM3)
R243 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 3.
COMPARE REGISTER 4 (CM4)
R244 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 4.
COMPARE REGISTER 5 (CM5)
R245 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 5.
COMPARE REGISTER 6 (CM6)
R246 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 6.
COMPARE REGISTER 7 (CM7)
R247 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 7.
70
CM0.
7
CM0.
6
CM0.
5
CM0.
4
CM0.
3
CM0.
2
CM0.
1
CM0.
0
70
CM1.
7
CM1.
6
CM1.
5
CM1.
4
CM1.
3
CM1.
2
CM1.
1
CM1.
0
70
CM2.
7
CM2.
6
CM2.
5
CM2.
4
CM2.
3
CM2.
2
CM2.
1
CM2.
0
70
CM3.
7
CM3.
6
CM3.
5
CM3.
4
CM3.
3
CM3.
2
CM3.
1
CM3.
0
70
CM4.
7
CM4.
6
CM4.
5
CM4.
4
CM4.
3
CM4.
2
CM4.
1
CM4.
0
70
CM5.
7
CM5.
6
CM5.
5
CM5.
4
CM5.
3
CM5.
2
CM5.
1
CM5.
0
70
CM6.
7
CM6.
6
CM6.
5
CM6.
4
CM6.
3
CM6.
2
CM6.
1
CM6.
0
70
CM7.
7
CM7.
6
CM7.
5
CM7.
4
CM7.
3
CM7.
2
CM7.
1
CM7.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com