Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 205Page - STMicroelectronics ST92195C3 Datasheet HTML 206Page - STMicroelectronics ST92195C3 Datasheet HTML 207Page - STMicroelectronics ST92195C3 Datasheet HTML 208Page - STMicroelectronics ST92195C3 Datasheet HTML 209Page - STMicroelectronics ST92195C3 Datasheet HTML 210Page - STMicroelectronics ST92195C3 Datasheet HTML 211Page - STMicroelectronics ST92195C3 Datasheet HTML 212Page - STMicroelectronics ST92195C3 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 249 page
background image
209/249
ST92195C/D - ON-CHIP PERIPHERALS
PWM GENERATOR (Cont’d)
OUTPUT COMPLEMENT REGISTER (OCPL)
R251- Read/Write
Register Page 59
Reset Value: 0000 0000 (00h)
This register allows the PWM output level to be
complemented on an individual bit basis.
In default mode (reset configuration), each com-
parison true between a Compare register and the
counter has the effect of setting the corresponding
output.
At counter clear (either by autoclear comparison
true, software clear or overflow when in free run-
ning mode), all the outputs are cleared.
By setting each individual bit (OCPL.x) in this reg-
ister, the logic value of the corresponding output
will be inverted (i.e. reset on comparison true and
set on counter clear).
Example: When set to “1”, the OCPL.1 bit comple-
ments the PWM output 1.
Bit 7 = OCPL.7:
Complement PWM Output 7.
Bit 6 = OCPL.6:
Complement PWM Output 6.
Bit 5 = OCPL.5:
Complement PWM Output 5.
Bit 4 = OCPL.4:
Complement PWM Output 4.
Bit 3 = OCPL.3:
Complement PWM Output 3.
Bit 2 = OCPL.2:
Complement PWM Output 2.
Bit 1 = OCPL.1:
Complement PWM Output 1.
Bit 0 = OCPL.0:
Complement PWM Output 0.
OUTPUT ENABLE REGISTER (OER)
R252 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
These bits are set and cleared by software.
0: Force the corresponding PWM output to logic
level 1. This allows the port pins to be used for
normal I/O functions or other alternate functions
(if available).
1: Enable the corresponding PWM output.
Example: Writing 03h into the OE Register will en-
able only PWM outputs 0 and 1, while outputs 2, 3,
4, 5, 6 and 7 will be forced to logic level “1”.
Bit 7 = OE.7:
Output Enable PWM Output 7.
Bit 6 = OE.6:
Output Enable PWM Output 6.
Bit 5 = OE.5:
Output Enable PWM Output 5.
Bit 4 = OE.4:
Output Enable PWM Output 4.
Bit 3 = OE.3:
Output Enable PWM Output 3.
Bit 2 = OE.2:
Output Enable PWM Output 2.
Bit 1 = OE.1:
Output Enable PWM Output 1.
Bit 0 = OE.0:
Output Enable PWM Output 0.
70
OC-
PL.7
OC-
PL.6
OC-
PL.5
OC-
PL.4
OC-
PL.3
OC-
PL.2
OC-
PL.1
OC-
PL.0
70
OE.7 OE.6 OE.5 OE.4 OE.3 OE.2 OE.1 OE.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com