Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX58200 Datasheet(PDF) 87 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 87 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 83Page - ASIX Electronics Corporation AX58200 Datasheet HTML 84Page - ASIX Electronics Corporation AX58200 Datasheet HTML 85Page - ASIX Electronics Corporation AX58200 Datasheet HTML 86Page - ASIX Electronics Corporation AX58200 Datasheet HTML 87Page - ASIX Electronics Corporation AX58200 Datasheet HTML 88Page - ASIX Electronics Corporation AX58200 Datasheet HTML 89Page - ASIX Electronics Corporation AX58200 Datasheet HTML 90Page - ASIX Electronics Corporation AX58200 Datasheet HTML 91Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 180 page
background image
87
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
External Bus Interface (EBI)
2.30.1 Overview
This chip is equipped with an external bus interface (EBI) for external device use. To save the connections
between an external device and a chip, EBI is operating at address bus and data bus multiplex mode. The EBI
supports three chip selects that can connect three external devices with different timing setting requirements.
2.30.2 Features
⚫
Supports up to three memory banks
⚫
Supports dedicated external chip select pin with polarity control for each bank
⚫
Supports accessible space up to 1 Mbytes for each bank, actually external addressable space is
dependent on package pin out
⚫
Supports 8-/16-bit data width
⚫
Supports byte write in 16-bit data width mode
⚫
Supports Address/Data multiplexed Mode
⚫
Supports Timing parameters individual adjustment for each memory block
⚫
Supports LCD interface i80 mode
⚫
Supports PDMA mode
⚫
Supports variable external bus base clock (MCLK) which based on HCLK
⚫
Supports configurable idle cycle for different access condition: Idle of Write command finish
(W2X) and Idle of Read-to-Read (R2R)
⚫
Supports address bus and data bus separate mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com