Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX58200 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX58200 Datasheet HTML 1Page - ASIX Electronics Corporation AX58200 Datasheet HTML 2Page - ASIX Electronics Corporation AX58200 Datasheet HTML 3Page - ASIX Electronics Corporation AX58200 Datasheet HTML 4Page - ASIX Electronics Corporation AX58200 Datasheet HTML 5Page - ASIX Electronics Corporation AX58200 Datasheet HTML 6Page - ASIX Electronics Corporation AX58200 Datasheet HTML 7Page - ASIX Electronics Corporation AX58200 Datasheet HTML 8Page - ASIX Electronics Corporation AX58200 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 180 page
background image
1
AX58200
EtherCAT Slave Controller SoC
Released Date: 11/22/2019
TEL: +886-3-579-9500
FAX: +886-3-579-9558
https://www.asix.com.tw/
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Features
ARM® Cortex® -M4 processor, running up to 192
MHz
Built-in Memory Protection Unit (MPU)
Built-in Nested Vectored Interrupt Controller
(NVIC)
Hardware IEEE 754 compliant Floating-point
Unit (FPU)
DSP extension with hardware divider and
single-cycle 32-bit hardware multiplier
On-chip Memory
Dual bank 512 KB Flash size (APROM) for
Over-The-Air (OTA) upgrade
On-chip Flash programming with In-Chip
Programming (ICP), In-System Programming
(ISP) and In-Application Programming (IAP)
On-chip 160 KB SRAM
4 KB on-chip Flash for user-defined loader
(LDROM)
4 KB non-readble Security Protection ROM
(SPROM)
Boot Loader
Factory pre-loaded 32 KB mask ROM for
secure boot procedure
Uses SHA-256 and AES-256 to validate data in
on-chip Flash and external SPI Flash
ISP for firmware upgrade via UART and high
speed USB device
Timers
Supports four sets of 32-bit timers with 24-bit
up counter and one 8-bit pre-scale counter
Supports twenty-four sets of 16-bit PWM
counters
Supports 18-bit free running watchdog timer
counter
Two Quadrature Encoder Interface (QEI) phase
inputs (QEI_A, QEI_B) and one Index input
(QEI_INDEX)
Supports one Enhanced Capture (ECAP)
channels
Analog Interfaces
One 12-bit, 16-ch 5 MSPS SAR ADC
Two 12-bit, 1 MSPS voltage type DAC
Two rail-to-rail Analog Comparators
Two Operational Amplifiers with 0~AVDD
input voltage range.
Communication Interfaces
One USB 2.0 High Speed OTG with on-chip
transceiver
One IEEE Std. 802.3 10/100Mbps Ethernet
MAC with RMII
Up to 6 sets of UARTs
Three sets of ISO-7816-3
Three sets of I2C devices with Master/Slave
mode
One SPI Master supports maximum 32 MB
external SPI Flash memory
One set of Quad-SPI controller with
Master/Slave mode
One set of I2S interface with Master/Slave
mode
Two sets of USCI, configured as UART, SPI or
I2C function
Two sets of CAN 2.0B controllers
Two sets of Secure Digital Host Controllers,
compliant with SD Memory Card Specification
Version 2.0.
Supports Hardware ECC, AES, DES, 3DES, SHA,
HMAC accelerator cryptography engineers
Supports Real-Time Clock
Built-in Die Temperature Sensor (DTS) with 1℃
resolution
EtherCAT Slave Controller (ESC) Sub-system
2 Integrated Fast Ethernet PHYs
3rd Ethernet MII Port for flexible EtherCAT
network configuration
8 Fieldbus Memory Management Units
(FMMUs)
8 Sync Managers
64-bit distributed clock support allows
synchronization with other EtherCAT devices
9K bytes RAM
Step & Direction Controller
Incremental and Hall Encoder Interface
SPI Master Controller
Emergency Stop Input
Configurable Watchdog for Outputs and Inputs
Monitoring
Integrates On-chip Power-on Reset Circuit
144-pin HSFBGA 10x10 mm, 0.8-mm pitch, RoHS
Compliant Package
Operating Temperature Range: -40 to +85°C, -40
to +105°C
Document No: AX58200/V0.10/11/22/19


Similar Part No. - AX58200

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
More results

Similar Description - AX58200

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
VME64 Slave Controller
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
Slave Controller
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
Slave Controller
logo
Adlink Technology Inc.
EU-6000 ADLINK-EU-6000 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
Controller PROFIBUS Slave
logo
ASIX Electronics Corpor...
AX58400 ASIX-AX58400 Datasheet
544Kb / 2P
EtherCAT Slave Controller with Dual-Core MCU
11/05/2021
logo
Advantech Co., Ltd.
AMAX-3245 ADVANTECH-AMAX-3245 Datasheet
375Kb / 1P
Advanced 4-axis EtherCAT Motion Slave Modules
21-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com