Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX58200 Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 31Page - ASIX Electronics Corporation AX58200 Datasheet HTML 32Page - ASIX Electronics Corporation AX58200 Datasheet HTML 33Page - ASIX Electronics Corporation AX58200 Datasheet HTML 34Page - ASIX Electronics Corporation AX58200 Datasheet HTML 35Page - ASIX Electronics Corporation AX58200 Datasheet HTML 36Page - ASIX Electronics Corporation AX58200 Datasheet HTML 37Page - ASIX Electronics Corporation AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 180 page
background image
35
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
System Manager
2.2.1
Overview
System management includes the following sections:
⚫
System Reset
⚫
System Power Distribution
⚫
SRAM Memory Organization
⚫
System Timer (SysTick)
⚫
Nested Vectored Interrupt Controller (NVIC)
⚫
System Control register
2.2.2
System Reset
The system reset can be issued by one of the events listed below. These reset event flags can be read from
SYS_RSTSTS register to determine the reset source. Hardware reset sources are from peripheral signals. Software
reset can trigger reset through setting control registers.
⚫
Hardware Reset Sources
–
Power-on Reset
–
Low level on the nRESET pin
–
Watchdog Time-out Reset and Window Watchdog Reset (WDT/WWDT Reset)
–
Low Voltage Reset (LVR)
–
Brown-out Detector Reset (BOD Reset)
–
CPU Lockup Reset
⚫
Software Reset Sources
–
CHIP Reset will reset whole chip by writing 1 to CHIPRST (SYS_IPRST0[0])
–
MCU Reset to reboot but keeping the booting setting from APROM or LDROM by writing
1 to SYSRESETREQ (AIRCR[2])
–
CPU Reset for Cortex® -M4 core only by writing 1 to CPURST (SYS_IPRST0[1])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com