Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV829ASG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV829ASG
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV829ASG Datasheet(HTML) 1 Page - Supertex, Inc

  HV829ASG Datasheet HTML 1Page - Supertex, Inc HV829ASG Datasheet HTML 2Page - Supertex, Inc HV829ASG Datasheet HTML 3Page - Supertex, Inc HV829ASG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HV829A/B
09/05/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV829A/B
High Voltage EL Lamp Driver
Advance Information
Features
❑ Processed with HVCMOS® technology
❑ V
DD voltage range = 2.7 to 5.5V DC
❑ Output load up to 70nF (20 in2 for 3.5nF/ in2 lamp)
❑ Adjustable DC-DC converter frequency
❑ Continious output voltage regulation control
(from 50V to 200V)
Application
❑ Electronic Organizers
❑ Handheld Portable Computers
❑ Display Signs
❑ Portable Instrumentation Equipment
General Description
The Supertex HV829A/B are high voltage EL lamp driver inte-
grated circuits designed for driving EL lamps of up to 70nF at
1000Hz. The input supply voltage range is from 2.7V to 5.5V.
These devices use a single inductor, a high voltage switching
FET and a minimum number of passive components. The
HV829A/B will supply the EL lamp with an AC square wave with
a peak-to-peak voltage of two times the set regulated DC
voltage.
The HV829A/B has one internal oscillator and a high voltage EL
lamp driver. The frequency for the external switching MOSFET
is set by an external resistor connected between the R
SW-osc pin
and GND. The EL frequency for the HV829A is equal to the
switching frequency divided by 64 where the EL frequency for the
HV829B is equal to the switching frequency divided by 128. Gate
of the external MOSFET is connected to the Gate pin. An
external inductor is connected between the Drain of external
MOSFET and V
DD pin. A 0.01-2.5µF capacitor is connected
between Cs and ground. The EL lamp is connected between V
A
and V
B. The output voltage regulation level is controlled via the
V
REG pin for dimming and/or conservation of power. The output
voltage regulation can be controlled continuously between 50V
and 200V depending on the voltage applied to V
REG pin (0.75V
to 3V).
The switching MOSFET charges the external inductor and
discharges it into the capacitor at C
S. The voltage at CS will start
to increase. Once the voltage at C
S reaches a nominal value
chosen by the user, the switching MOSFET is turned OFF to
conserve power. The outputs V
A and VB are configured as an H
bridge and are switching in opposite states to achieve the AC
voltage of +/- VREG voltage across the EL lamp.
Typical Application Circuit
VN2224N3 or
TN2425N8
EL Lamp
1
2
3
4
8
7
6
5
VDD
RSW-osc
VB
VREG
GND
VA
CS
HV829ASG
Lx
BAV21
Gate
Off=VDD
On=GND
VIN
VDD
Vreg
+
-
CIN
CS
250V


Similar Part No. - HV829ASG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823LG SUTEX-HV823LG Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
More results

Similar Description - HV829ASG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com