Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV829ASG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV829ASG
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV829ASG Datasheet(HTML) 2 Page - Supertex, Inc

  HV829ASG Datasheet HTML 1Page - Supertex, Inc HV829ASG Datasheet HTML 2Page - Supertex, Inc HV829ASG Datasheet HTML 3Page - Supertex, Inc HV829ASG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV829A/B
e
c
i
v
e
Dy
c
n
e
u
q
e
r
F
L
E
t
u
p
t
u
O
e
g
a
k
c
a
P
g
u
l
S
t
a
e
H
/
w
8
-
O
Se
i
D
A
9
2
8
V
H4
6
/
r
o
t
a
ll
i
c
s
o
w
SG
S
A
9
2
8
V
HX
A
9
2
8
V
H
B
9
2
8
V
H8
2
1
/
r
o
t
a
ll
i
c
s
o
w
SG
S
B
9
2
8
V
HX
A
9
2
8
V
H
Ordering Information
** Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Absolute Maximum Ratings*
Input Voltage to the external Inductor
+18V
V
DD
+7.0V
Output voltage, V
CS
-.05V to +250V
Operating Temperature
-25°C to +85°C
Storage Temperature
-65°C to +150°C
Power Dissipation
1.5W
*Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Suggested Pin Configuration
V
DD
V
A
R
SW
V
B
VREG
Gate
GND
C
S
1
2
3
4
8
7
6
5
MSOP-8
Top View
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
V
S
C
e
g
a
t
l
o
v
n
o
i
t
a
l
u
g
e
r
t
u
p
t
u
o
.
x
a
M
V
(
D
D
)
d
a
o
l
o
N
,
V
5
.
5
o
t
7
.
2
=
2
40
58
5
V
V
G
E
R
V
5
7
.
0
=
0
90
0
10
1
1V
G
E
R
V
5
.
1
=
5
3
10
5
15
6
1V
G
E
R
V
5
2
.
2
=
0
8
10
0
20
2
2V
G
E
R
V
0
.
3
=
f
w
s
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
r
o
t
c
u
d
n
I0
25
20
3z
H
K
V
S
C
C
,
V
0
5
1
=
L
R
,
F
n
7
5
=
C
S
O
-
W
S
,
M
1
=
.
1
e
r
u
g
i
F
e
e
S
I
Q
D
D
V
t
n
e
c
s
e
i
u
Q
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s0
0
4A
n
I
D
D
V
e
h
t
o
t
n
i
g
n
i
o
g
t
n
e
r
r
u
c
t
u
p
n
I
D
D
n
i
p0
0
4A
µ
I
N
I
t
n
e
r
r
u
c
r
o
t
c
u
d
n
i
g
n
i
d
u
l
c
n
i
t
n
e
r
r
u
c
t
u
p
n
I5
9
1A
m
I
Q
N
I
)
d
a
o
l
o
n
(
t
n
e
r
r
u
c
y
l
p
p
u
s
t
n
e
c
s
e
i
u
Q
0
0
2A
µ
V
S
C
R
,
V
0
5
1
=
C
S
O
-
W
S
M
1
=
0
0
1A
µ
V
A
V
–
B
e
h
t
s
s
o
r
c
a
e
g
a
t
l
o
v
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
p
m
a
l
4
80
0
16
1
1
V
V
G
E
R
V
5
7
.
0
=
0
8
10
0
20
2
2V
G
E
R
V
5
.
1
=
0
7
20
0
30
3
3V
G
E
R
V
5
2
.
2
=
0
8
30
0
40
4
4V
G
E
R
V
0
.
3
=
s
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
f
W
S
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
r
o
t
c
u
d
n
I2
.
1
54
68
.
6
7
z
H
KR
c
s
o
-
W
S
C
,
0
0
4
=
L
F
n
0
7
=
f
L
E
y
c
n
e
u
q
e
r
f
e
v
i
r
d
t
u
p
t
u
O8
.
00
.
12
.
1
t
R
e
m
i
t
e
s
i
r
t
u
p
t
u
O5
3
20
0
35
6
3
s
µ
V
S
C
R
,
V
0
0
2
=
c
s
o
-
W
S
C
,
0
0
4
=
L
,
F
n
0
7
=
f
L
E
z
H
K
1
=
t
F
e
m
i
t
ll
a
f
t
u
p
t
u
O5
3
20
0
35
6
3
t
e
t
a
G
-
r
e
m
i
t
e
s
i
r
e
t
a
G0
5
1
s
nC
G
D
N
G
o
t
e
t
a
G
F
p
0
0
5
2
=
t
e
t
a
G
-
f
e
m
i
t
ll
a
f
e
t
a
G0
5
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A=25°C).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com