Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV829ASG Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV829ASG
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV829ASG Datasheet(HTML) 4 Page - Supertex, Inc

  HV829ASG Datasheet HTML 1Page - Supertex, Inc HV829ASG Datasheet HTML 2Page - Supertex, Inc HV829ASG Datasheet HTML 3Page - Supertex, Inc HV829ASG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
HV829A/B
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
09/05/02rev.2
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Figure 1: Typical Application/Test Circuit
VN2224N3
EL Lamp
1
2
3
4
8
7
6
5
VDD
RSW-osc
VB
VREG
GND
VA
CS
HV829ASG
Lx
BAV21
Gate
Off=VDD
On=GND
VIN
VDD
Vreg=2.25V
+
-
4.7µF
1M
Ω
4.2µF
250V
Device
Lamp Size
V
IN
I
DD
V
CS
f
SW
f
EL
Brightness
HV829A/BSG
20 in2
9.0V
195mA
153V
25KHz
390Hz
18.5ft-lm
Typical Performance
* The inductor used is a 330µH J.W. Miller, max. DC resistance of 1.15Ω, part #PM105-331K.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com