Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST8500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 1 Page - STMicroelectronics

  ST8500 Datasheet HTML 1Page - STMicroelectronics ST8500 Datasheet HTML 2Page - STMicroelectronics ST8500 Datasheet HTML 3Page - STMicroelectronics ST8500 Datasheet HTML 4Page - STMicroelectronics ST8500 Datasheet HTML 5Page - STMicroelectronics ST8500 Datasheet HTML 6Page - STMicroelectronics ST8500 Datasheet HTML 7Page - STMicroelectronics ST8500 Datasheet HTML 8Page - STMicroelectronics ST8500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is information on a product in full production.
June 2018
DocID031029 Rev 3
1/37
ST8500
Programmable power line communication modem System on Chip
Datasheet
- production data
Features
 Programmable power line communication
(PLC) modem System on Chip
 Integrated differential PLC analog front-end
– PGA with automatic gain control and ADC
– DAC with transmission pre-driver
– Digital transmission level control
– Zero crossing comparator
– Up to 500 kHz PLC signal bandwidth
 High performance, fully programmable real-
time engine dedicated to PLC PHY and real -
time MAC protocol management (400 MHz
max. frequency)
– Dedicated code and data SRAM memories
 Standard ARM® 32-bit Cortex®-M4F fully
programmable core for protocol upper layers
and peripherals management
– 200 MHz maximum frequency
– 256 kB of embedded SRAM for code and
data
– 96 kB of embedded SRAM for data
– 8 kB of embedded shared RAM
– Bootloader ROM memory
– One Time Programmable (OTP) memory
with dedicated areas available for secure
keys and user information storage
– Serial wire and JTAG interfaces
– 24 multiplexed GPIOs
– 4 general purpose timers
– 1 flexible CRC calculation unit
– 2 USART, 1 UART, 3 SPI, 1 I2C
 Cryptographic engine
– AES 128/192/256 engine
– True random number generator
– Pseudo random number generator
 Clock management:
– 25 MHz external crystal for system clock
– Integrated 25 MHz oscillator (XOSC) with
frequency synthesizer (FS) and pre-scaler
units to generate internal clock signals
 Power management
– 3.3 V external supply voltage for I/O and
analog
– 2.5 V internal linear regulator for analog
– 1.1 V external supply voltage for digital
– Normal, Slow, Doze and low power modes
 Available in QFN56 package
 -40 °C to +105 °C temperature range
Applications
 Smart metering, smart grid and Internet of
Things applications
 Suitable for application design compliant with
CENELEC, FCC and ARIB regulations
QFN56 (7 x 7 x 1 mm)
Table 1. Device summary
Order code
Package
Packing
ST8500
QFN56
Tray
ST8500TR
Tape and reel
www.st.com


Similar Part No. - ST8500

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST8550 SEMTECH_ELEC-ST8550 Datasheet
300Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
Nanjing International G...
ST8550B DGNJDZ-ST8550B Datasheet
105Kb / 5P
PNP Silicon Epitaxial Planar Transistor
ST8550C DGNJDZ-ST8550C Datasheet
105Kb / 5P
PNP Silicon Epitaxial Planar Transistor
ST8550D DGNJDZ-ST8550D Datasheet
105Kb / 5P
PNP Silicon Epitaxial Planar Transistor
ST8550E DGNJDZ-ST8550E Datasheet
105Kb / 5P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - ST8500

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
logo
STMicroelectronics
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com