Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST8500 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8500
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8500 Datasheet HTML 8Page - STMicroelectronics ST8500 Datasheet HTML 9Page - STMicroelectronics ST8500 Datasheet HTML 10Page - STMicroelectronics ST8500 Datasheet HTML 11Page - STMicroelectronics ST8500 Datasheet HTML 12Page - STMicroelectronics ST8500 Datasheet HTML 13Page - STMicroelectronics ST8500 Datasheet HTML 14Page - STMicroelectronics ST8500 Datasheet HTML 15Page - STMicroelectronics ST8500 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Device architecture
ST8500
12/37
DocID031029 Rev 3
2.2.11
Serial peripheral interface (SPI)
Three SPI interfaces (SPI0 to SPI2) allow communication up to 50 Mbit/s in master and up
to 24 Mbit/s slave modes, in half-duplex, full-duplex and simplex modes. The 3-bit pre-
scaler gives 8 master mode frequencies and the frame size is configurable from 4 bits to 16
bits. The SPI interfaces support NSS pulse mode, TI mode and hardware CRC calculation.
2.2.12
Inter-integrated circuit interface (I2C)
The ST8500 device embeds one I2C. The I2C bus interface handles communications
between the device and the serial I2C bus. It controls all I2C bus-specific sequencing,
protocol, arbitration and timing. In addition to receiving and transmitting data, this interface
converts it from the serial to the parallel format and vice versa. The interrupts are enabled or
disabled by software. The interface is connected to the I2C bus by a data pin (SDA) and by
a clock pin (SCL).
The I2C peripheral supports:
I2C-bus specification and user manual rev. 5 compatibility:
Slave and master modes, multimaster capability
Standard-mode (Sm), with a bitrate up to 100 kbit/s
Fast-mode (Fm), with a bitrate up to 400 kbit/s
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
Programmable setup and hold times
Optional clock stretching
System management bus (SMBus) specification rev 2.0 compatibility:
Hardware PEC (packet error checking) generation and verification with ACK
control
Address resolution protocol (ARP) support
SMBus alert
Power System Management Protocol (PMBus™) specification rev 1.1 compatibility
Independent clock (ICLK): a choice of independent clock sources allowing the I2C
communication speed to be independent from the PCLK clock reprogramming.
Programmable analog and digital noise filters
2.2.13
AES engine
The ST8500 embeds a hardware AES peripheral that implements an advanced standard
cryptographic algorithm according to the NIST FIPS 197. The block processes 128-bit data
blocks using a key with the following possible sizes: 128, 192, 256 bits. The peripheral also
supports the following modes: “Electronic Code Book” (ECB), “Cipher Block Chaining”
(CBC), “Counter mode” (CTR), “Galois/Counter Mode” (GCM), GMAC and CCM modes.
The peripheral is able to encrypt and decrypt data. Interrupt can be generated when one
operation is finished.
2.2.14
True random number generator (TRNG)
The ST8500 embeds a TRNG processor based on a continuous analog noise that provides
a random 16-bit value. To avoid pseudo random sequences, two consecutive accesses
have to be performed when the ready bit in the status register is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com