| Electronic Components Datasheet Search |
|
ST8500 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST8500 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 37 page ![]() DocID031029 Rev 3 19/37 ST8500 Device architecture 37 Figure 5. ST8500 system power modes transition diagram Clock gating is available in any modes for peripherals and clock sources in order to save all the dynamic power contributions related to the resources not used by the application. 2.7 Boot modes and system programmability ST8500 boot mode is defined by the status of the three pins GPIO3_0/BOOT0, GPIO3_1/BOOT1, GPIO3_2/BOOT2 when the device awakes from a reset condition (either power-on, hardware or software reset), the correspondence between the value of BOOTx pins and the boot mode is shown in Table 6. The application and RTE codes can be either downloaded by the external host (through SPI or UART interface) or written as binary images on one external SPI Flash (either up to 4 Mbit for the small configuration or from 8 Mbit for the large configuration). The internal bootloader takes the responsibility to load the codes in the proper cores and to start running them. If “Reserved2” mode is selected an endless loop is performed. If one of the Table 6. Boot modes selection Boot pins Boot mode BOOT2 BOOT1 BOOT0 0 0 0 Boot from UART host interface 0 0 1 Boot from SPI host interface 0 1 0 Boot from SPI external Flash (large configuration) 0 1 1 Boot from SPI external Flash (small configuration) 100 Reserved1 101 Reserved1 110 Reserved1 111 Reserved2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |