Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F469 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 64Page - STMicroelectronics STM32F469 Datasheet HTML 65Page - STMicroelectronics STM32F469 Datasheet HTML 66Page - STMicroelectronics STM32F469 Datasheet HTML 67Page - STMicroelectronics STM32F469 Datasheet HTML 68Page - STMicroelectronics STM32F469 Datasheet HTML 69Page - STMicroelectronics STM32F469 Datasheet HTML 70Page - STMicroelectronics STM32F469 Datasheet HTML 71Page - STMicroelectronics STM32F469 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
LTDC application examples
AN4861
68/91
DocID029237 Rev 2
Figure 36. STM32CubeMX: LTDC GPIOs configuration
If after selecting one hardware configuration (RGB888 as shown in Figure 36) the used
GPIOs does not match with the display panel connection board, the user can change the
desired GPIO and configure the alternate function directly on the pin. Figure 37 shows for
instance how to configure manually a PJ7 pin to LTDC_G0 alternate function.
Figure 37. STM32CubeMX: PJ7 pin configuration to LTDC_G0 alternate function
The used pins are highlighted in green once that all the LTDC interface GPIOs are correctly
configured.
Once that all the LTDC GPIOs pins are configured, the user should set their speed to very
high.
To set the GPIOs speed using STM32CubeMX, select the configuration tab then click on the
LTDC button as shown in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com