Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GST Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 56Page - STMicroelectronics M58LT128GST Datasheet HTML 57Page - STMicroelectronics M58LT128GST Datasheet HTML 58Page - STMicroelectronics M58LT128GST Datasheet HTML 59Page - STMicroelectronics M58LT128GST Datasheet HTML 60Page - STMicroelectronics M58LT128GST Datasheet HTML 61Page - STMicroelectronics M58LT128GST Datasheet HTML 62Page - STMicroelectronics M58LT128GST Datasheet HTML 63Page - STMicroelectronics M58LT128GST Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
11 DC and AC parameters
M58LT128GST, M58LT128GSB
60/98
Figure 14. Clock input AC Waveform
Table 23.
Synchronous Read AC Characteristics
Symbol
Alt
Parameter(1)
1.
Sampled only, not 100% tested.
For other timings please refer to Table 22: Asynchronous Read AC Characteristics.
M58LT128GST,
M58LT128GSB
Unit
110
tAVKH
tAVCLKH
Address Valid to Clock High
Min
11
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
11
ns
tELTV
Chip Enable Low to Wait Valid
Max
16
ns
tEHEL
Chip Enable Pulse Width (subsequent
synchronous reads)
Min
17
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
17
ns
tGLTV
Output Enable Low to Wait Valid
Max
17
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
17
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
11
ns
tGHTZ
tDF
Output Enable High to WAIT Hi-Z
Max
17
ns
tKHKH
tCLK
Clock Period (f=52MHz)
Min
19
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
6
ns
tf, tr
Clock Fall or Rise Time
Max
2
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com