Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GST Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 22Page - STMicroelectronics M58LT128GST Datasheet HTML 23Page - STMicroelectronics M58LT128GST Datasheet HTML 24Page - STMicroelectronics M58LT128GST Datasheet HTML 25Page - STMicroelectronics M58LT128GST Datasheet HTML 26Page - STMicroelectronics M58LT128GST Datasheet HTML 27Page - STMicroelectronics M58LT128GST Datasheet HTML 28Page - STMicroelectronics M58LT128GST Datasheet HTML 29Page - STMicroelectronics M58LT128GST Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
26/98
If a Program command is issued during a Block Erase Suspend, then the erase cannot be
resumed until the program operation has completed.
See Appendix C, Figure 21: Program Suspend & Resume Flowchart and Pseudo Code, and
Figure 23: Erase Suspend & Resume Flowchart and Pseudo Code, for flowcharts for using the
Program/Erase Resume command.
4.11.1 Protection Register Program
command
The Protection Register Program command is used to program the user One-Time-
Programmable (OTP) segments of the Protection Register and the two Protection Register
Locks.
The device features 16 OTP segments of 128 bits and one OTP segment of 64 bits, as shown
in Figure 4: Protection Register Map. The segments are programmed one Word at a time.
When shipped all bits in the segment are set to ‘1’. The user can only program the bits to ‘0’.
Two Bus Write cycles are required to issue the Protection Register Program command.
1.
The first bus cycle sets up the Protection
2.
Register Program command.
3.
The second latches the address and data to be programmed to the Protection Register
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
program operation has started.
Attempting to program a previously protected Protection Register will result in a Status Register
error.
The Protection Register Program cannot be suspended. Dual operations between the
Parameter Bank and the Protection Register memory space are not allowed (see Table 15:
Dual Operation Limitations for details).
The two Protection Register Locks are used to protect the OTP segments from further
modification. The protection of the OTP segments is not reversible. Refer to Figure 4:
Protection Register Map, and Table 8: Protection Register Lock Bits, for details on the Lock bits.
See Appendix C, Figure 24: Protection Register Program Flowchart and Pseudo Code, for a
flowchart for using the Protection Register Program command.
4.12
Set Configuration Register command
The Set Configuration Register command is used to write a new value to the Configuration
Register.
Two Bus Write cycles are required to issue the Set Configuration Register command.
1.
The first cycle sets up the Set Configuration Register command and the address
corresponding to the Configuration Register content.
2.
The second cycle writes the Configuration Register data and the confirm command.
The Configuration Register data must be written as an address during the bus write cycles, that
is DQ0 = CR0, DQ1 = CR1, …, DQ15 = CR15. Addresses A0-A22 are ignored.
Read operations output the array content after the Set Configuration Register command is
issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com