Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5506ZAYR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506ZAYR
Description  TMS320VC5506 Fixed-Point Digital Signal Processor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5506ZAYR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5506ZAYR Datasheet HTML 48Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 49Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 50Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 51Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 52Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 53Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 54Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 55Page - Texas Instruments TMS320VC5506ZAYR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
Functional Overview
52
October 2006 − Revised January 2008
SPRS375C
Table 3−19. DMA Configuration Registers (Continued)
PORT ADDRESS
(WORD)
RESET VALUE†
DESCRIPTION
REGISTER NAME
CHANNEL #1 REGISTERS
0x0C20
DMA_CSDP1
DMA Channel 1 Source Destination
Parameters Register
0000 0000 0000 0000
0x0C21
DMA_CCR1[15:0]
DMA Channel 1 Control Register
0000 0000 0000 0000
0x0C22
DMA_CICR1[5:0]
DMA Channel 1 Interrupt Control Register
xxxx xxxx xx00 0011
0x0C23
DMA_CSR1[6:0]
DMA Channel 1 Status Register
xxxx xxxx xx00 0000
0x0C24
DMA_CSSA_L1
DMA Channel 1 Source Start Address Register
(lower bits)
Undefined
0x0C25
DMA_CSSA_U1
DMA Channel 1 Source Start Address Register
(upper bits)
Undefined
0x0C26
DMA_CDSA_L1
DMA Channel 1 Source Destination Address Register
(lower bits)
Undefined
0x0C27
DMA_CDSA_U1
DMA Channel 1 Source Destination Address Register
(upper bits)
Undefined
0x0C28
DMA_CEN1
DMA Channel 1 Element Number Register
Undefined
0x0C29
DMA_CFN1
DMA Channel 1 Frame Number Register
Undefined
0x0C2A
DMA_CSFI1
DMA Channel 1 Source Frame Index Register
Undefined
0x0C2B
DMA_CSEI1
DMA Channel 1 Source Element Index Register
Undefined
0x0C2C
DMA_CSAC1
DMA Channel 1 Source Address Counter
Undefined
0x0C2D
DMA_CDAC1
DMA Channel 1 Destination Address Counter
Undefined
0x0C2E
DMA_CDEI1
DMA Channel 1 Destination Element Index Register
Undefined
0x0C2F
DMA_CDFI1
DMA Channel 1 Destination Frame Index Register
Undefined
CHANNEL #2 REGISTERS
0x0C40
DMA_CSDP2
DMA Channel 2 Source Destination
Parameters Register
0000 0000 0000 0000
0x0C41
DMA_CCR2[15:0]
DMA Channel 2 Control Register
0000 0000 0000 0000
0x0C42
DMA_CICR2[5:0]
DMA Channel 2 Interrupt Control Register
xxxx xxxx xx00 0011
0x0C43
DMA_CSR2[6:0]
DMA Channel 2 Status Register
xxxx xxxx xx00 0000
0x0C44
DMA_CSSA_L2
DMA Channel 2 Source Start Address Register
(lower bits)
Undefined
0x0C45
DMA_CSSA_U2
DMA Channel 2 Source Start Address Register
(upper bits)
Undefined
0x0C46
DMA_CDSA_L2
DMA Channel 2 Source Destination Address Register
(lower bits)
Undefined
0x0C47
DMA_CDSA_U2
DMA Channel 2 Source Destination Address Register
(upper bits)
Undefined
0x0C48
DMA_CEN2
DMA Channel 2 Element Number Register
Undefined
0x0C49
DMA_CFN2
DMA Channel 2 Frame Number Register
Undefined
0x0C4A
DMA_CSFI2
DMA Channel 2 Source Frame Index Register
Undefined
0x0C4B
DMA_CSEI2
DMA Channel 2 Source Element Index Register
Undefined
0x0C4C
DMA_CSAC2
DMA Channel 2 Source Address Counter
Undefined
0x0C4D
DMA_CDAC2
DMA Channel 2 Destination Address Counter
Undefined
0x0C4E
DMA_CDEI2
DMA Channel 2 Destination Element Index Register
Undefined
0x0C4F
DMA_CDFI2
DMA Channel 2 Destination Frame Index Register
Undefined
† Hardware reset: x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com