Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8428DYYR Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV8428DYYR
Description  DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428DYYR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8428DYYR Datasheet HTML 35Page - Texas Instruments DRV8428DYYR Datasheet HTML 36Page - Texas Instruments DRV8428DYYR Datasheet HTML 37Page - Texas Instruments DRV8428DYYR Datasheet HTML 38Page - Texas Instruments DRV8428DYYR Datasheet HTML 39Page - Texas Instruments DRV8428DYYR Datasheet HTML 40Page - Texas Instruments DRV8428DYYR Datasheet HTML 41Page - Texas Instruments DRV8428DYYR Datasheet HTML 42Page - Texas Instruments DRV8428DYYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
16X (0.6)
16X (0.24)
12X (0.5)
(2.8)
(2.8)
(
1.51)
(R0.05) TYP
WQFN - 0.8 mm max height
RTE0016J
PLASTIC QUAD FLATPACK - NO LEAD
4224278/A 05/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
ALL AROUND
METAL
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
EXPOSED PAD 17:
84% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:25X
SYMM
1
4
5
8
9
12
13
16
17
39
DRV8428
www.ti.com
SLOSE54 – JUNE 2020
Product Folder Links: DRV8428
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com