Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8428DYYR Datasheet(PDF) 40 Page - Texas Instruments

Part # DRV8428DYYR
Description  DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428DYYR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DRV8428DYYR Datasheet HTML 36Page - Texas Instruments DRV8428DYYR Datasheet HTML 37Page - Texas Instruments DRV8428DYYR Datasheet HTML 38Page - Texas Instruments DRV8428DYYR Datasheet HTML 39Page - Texas Instruments DRV8428DYYR Datasheet HTML 40Page - Texas Instruments DRV8428DYYR Datasheet HTML 41Page - Texas Instruments DRV8428DYYR Datasheet HTML 42Page - Texas Instruments DRV8428DYYR Datasheet HTML 43Page - Texas Instruments DRV8428DYYR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X 0.65
2X
4.55
16X
0.30
0.19
6.6
6.2
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.2 MAX
2X 0.95 MAX
NOTE 5
2X 0.23 MAX
NOTE 5
2.31
1.75
2.46
1.75
B
4.5
4.3
A
5.1
4.9
NOTE 3
0.75
0.50
(0.15) TYP
4X (0.3)
PowerPAD TSSOP - 1.2 mm max height
PWP0016C
SMALL OUTLINE PACKAGE
4224559/B 01/2019
1
8
9
16
0.1
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ or may not be present.
TM
PowerPAD is a trademark of Texas Instruments.
TYPICAL
A 20
SCALE 2.500
DETAIL A
THERMAL
PAD
1
8
9
16
17
40
DRV8428
SLOSE54 – JUNE 2020
www.ti.com
Product Folder Links: DRV8428
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com