Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM4108CPAPR Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM4108CPAPR Datasheet HTML 25Page - Texas Instruments PCM4108CPAPR Datasheet HTML 26Page - Texas Instruments PCM4108CPAPR Datasheet HTML 27Page - Texas Instruments PCM4108CPAPR Datasheet HTML 28Page - Texas Instruments PCM4108CPAPR Datasheet HTML 29Page - Texas Instruments PCM4108CPAPR Datasheet HTML 30Page - Texas Instruments PCM4108CPAPR Datasheet HTML 31Page - Texas Instruments PCM4108CPAPR Datasheet HTML 32Page - Texas Instruments PCM4108CPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
29
Register 5: Function Control Register
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
MUT4
MUT3
MUT2
MUT1
ZDM
PHASE
DEM1
DEM0
This register controls various D/A converter functions, including de-emphasis filtering, output phase reversal, zero data
mute, and per-channel soft muting.
DEM[1:0]
Digital De-Emphasis for Channels 1 through 4
De-emphasis is available for Single Rate mode only. De-emphasis is disabled for Dual and Quad Rate modes.
DEM1
DEM0
De-Emphasis Selection
0
0
De-emphasis disabled (default)
0
1
De-emphasis for fS = 48kHz
1
0
De-emphasis for fS = 44.1kHz
1
1
De-emphasis for fS = 32kHz
PHASE
Output Phase for Channels 1 through 4
PHASE
Output Phase
0
Noninverted (default)
1
Inverted
ZDM
Zero Data Mute for Channels 1 through 4
ZDM
Zero Mute
0
Disabled (default)
1
Enabled
MUT[4:1]
Soft Mute for Channels 1 through 4
MUTx
D/A Converter Output
0
On (default)
1
Muted
NOTE: x = channel number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com